Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

D68BP4 Datasheet(PDF) 1 Page - Frequency Devices, Inc.

Part # D68BP4
Description  Fixed Frequency 4-Pole Pair Filters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

D68BP4 Datasheet(HTML) 1 Page - Frequency Devices, Inc.

  D68BP4 Datasheet HTML 1Page - Frequency Devices, Inc. D68BP4 Datasheet HTML 2Page - Frequency Devices, Inc. D68BP4 Datasheet HTML 3Page - Frequency Devices, Inc. D68BP4 Datasheet HTML 4Page - Frequency Devices, Inc. D68BP4 Datasheet HTML 5Page - Frequency Devices, Inc. D68BP4 Datasheet HTML 6Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
Applications
• Power line interference rejection
• Transducer output filtering
• Production test instrumentation
• Medical electronics equipment and research
• Comb filtering and equalization
• Noise and harmonic analysis
• RMS measurements
• Frequency spectrum analysis
Features/Benefits:
• Compact 32-pin footprint minimizes board space
requirements.
• Plug-in ready-to-use, reducing engineering design
and manufacturing cycle time.
• Factory tuned, no external clocks or adjustments
needed
• Broad range of center frequencies to meet a wide
range of applications.
Description:
The D68BP and D68BR Series of small 4-pole-pair
fixed-frequency, precision band-pass and band-
reject (notch) active filters that provide high
performance in a compact 32-pin DIP package, with
a broad range of fixed center frequencies (fo) from 1
Hz to 100 kHz.
Each filter type features a near
theoretical amplitude/phase response along with low
output voltage noise enabling these filters to achieve
a 10,000:1 or better dynamic signal range.
Pretuned to within ±2% of the fixed, user specified
center frequency, D68BP band-pass filters pass all
frequencies lying between the upper and lower -3dB
points of the amplitude response curve, while D68BR
band-reject (notch) filters sharply attenuate those
frequencies that are bound and defined by the
bottom of the notch.
Available Q’s for D68 BP
models are 1, 2, 5, or 10 and D68BR filters are 3 or
10.
Band Pass and Band Reject
D68BP & D68BR Series
Fixed Frequency
4-Pole Pair Filters
1
Available Band-Pass Models: . . . . . . . . . . . . .Page
D68BP4
4 pole pair
. . . . . . . . . . . . . . . . . . .2
Available Band-Reject Models:
D68BR4
4-pole pair
. . . . . . . . . . . . . . . . . . .2
General Specifications:
Ordering Information . . . . . . . . . . . . . . . . . . . . . . .3
Pin-Out/Package Data . . . . . . . . . . . . . . . . . . . . . .3


Similar Part No. - D68BP4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D68 ETC1-D68 Datasheet
478Kb / 17P
32 Pin DIP 8-Pole Filters
logo
Digital Core Design
D68000 DCD-D68000 Datasheet
137Kb / 4P
16/32-bit Microprocessor
logo
Vishay Siliconix
D68025U2JH6 VISHAY-D68025U2JH6 Datasheet
123Kb / 9P
Ceramic Singlelayer DC Disc Capacitors For General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
09-May-14
D68025U2JH6 VISHAY-D68025U2JH6 Datasheet
123Kb / 9P
Ceramic Singlelayer DC Disc Capacitors For General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
09-May-14
D680G25C0GH6.J5R VISHAY-D680G25C0GH6.J5R Datasheet
321Kb / 6P
Ceramic Disc Capacitors
07-Jan-10
More results

Similar Description - D68BP4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5BAF ETC1-5BAF Datasheet
513Kb / 5P
Differential Fixed Frequency Filters
824BP2 ETC1-824BP2 Datasheet
446Kb / 7P
8 Bit Programmable 2-Pole Pair Filters
828BP ETC1-828BP Datasheet
527Kb / 8P
8 Bit Programmable 4-Pole Pair Filters
logo
Frequency Devices, Inc.
5BAF-LPBE4 FREQUENCYDEVICES-5BAF-LPBE4 Datasheet
539Kb / 5P
Differential Fixed Frequency Filters
824BP FREQUENCYDEVICES-824BP Datasheet
444Kb / 7P
8 Bit Programmable 2-Pole Pair Filters
828BP FREQUENCYDEVICES-828BP Datasheet
479Kb / 8P
8 Bit Programmable 4-Pole Pair Filters
D64BP FREQUENCYDEVICES-D64BP Datasheet
300Kb / 5P
Fixed Frequency 2-Pole Pair Filters
D100B FREQUENCYDEVICES-D100B Datasheet
248Kb / 5P
2 - Pole Pair Band - Pass Filters
PGAB5 FREQUENCYDEVICES-PGAB5 Datasheet
678Kb / 8P
Fixed Frequency Filters with Programmable Amplifiers
D61 FREQUENCYDEVICES-D61 Datasheet
706Kb / 6P
4-Pole Filters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com