Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MGH2805S/883 Datasheet(PDF) 7 Page - Crane Aerospace & Electronics.

Part # MGH2805S/883
Description  MCH/MGH Single and Dual DC/DC Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MGH2805S/883 Datasheet(HTML) 7 Page - Crane Aerospace & Electronics.

Back Button MGH2805S/883 Datasheet HTML 3Page - Crane Aerospace & Electronics. MGH2805S/883 Datasheet HTML 4Page - Crane Aerospace & Electronics. MGH2805S/883 Datasheet HTML 5Page - Crane Aerospace & Electronics. MGH2805S/883 Datasheet HTML 6Page - Crane Aerospace & Electronics. MGH2805S/883 Datasheet HTML 7Page - Crane Aerospace & Electronics. MGH2805S/883 Datasheet HTML 8Page - Crane Aerospace & Electronics. MGH2805S/883 Datasheet HTML 9Page - Crane Aerospace & Electronics. MGH2805S/883 Datasheet HTML 10Page - Crane Aerospace & Electronics. MGH2805S/883 Datasheet HTML 11Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
MCH/MGH Single and Dual DC/DC Converters
Crane Aerospace & Electronics Power Solutions
Page 7 of 18
Rev E - 20060508
www.craneae.com
28 VOLT INPUT – 1.5 WATT
MCH SINGLE OUTPUT MODELS
MCH2805S
MCH2812S
MCH2815S
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP MAX
MIN
TYP
MAX
UNITS
OUTPUT VOLTAGE
2
Tc = 25°C
4.95
5
5.05 11.88
12
12.12 14.85
15
15.15
VDC
Tc = –55°C TO +125°C
4.80
5
5.20 11.52
12
12.48 14.40
15
15.60
OUTPUT CURRENT
V
IN
= 12 to 50 VDC
—
—
300
—
—
125
—
—
100
mA
OUTPUT POWER
V
IN
= 12 TO 50 VDC
0
—
1.5
0
—
1.5
0
—
1.5
W
OUTPUT RIPPLE
10 kHz - 2 MHz
—
45
150
—
50
200
—
35
150
mV p-p
VOLTAGE
Tc = –55°C TO +125°C
—
65
300
—
70
300
—
50
250
LINE REGULATION
V
IN
= 12 TO 50 VDC
—
35
120
—
60
250
—
70
350
mV
Tc = –55°C TO +125°C
—
40
120
—
70
250
—
80
350
LOAD REGULATION
10% TO FULL LOAD
—
350
800
—
600
1400
—
700
1600
Tc = –55°C TO +125°C
—
380
800
—
640
1400
—
760
1600
mV
50% TO FULL
1
—
100
200
—
145
300
—
165
350
Tc = –55°C TO +125°C
—
115
300
—
160
400
—
185
450
INPUT VOLTAGE
CONTINUOUS
12
28
50
12
28
50
12
28
50
VDC
NO LOAD TO FULL
TRANSIENT
1 120 ms
0
—
80
0
—
80
0
—
70
V
INPUT CURRENT
NO LOAD
—
5.5
11
—
6.0
12
—
6.0
12
Tc = –55°C TO +125°C
—
6.0
11
—
6.5
12
—
6.5
12
mA
INHIBITED
—
2.3
3.5
—
2.3
3.5
—
2.3
3.5
Tc = –55°C TO +125°C
—
2.4
3.5
—
2.4
3.5
—
2.4
3.5
INPUT RIPPLE
10k Hz - 10 MHz
—
100
200
—
100
200
—
100
200
mA p-p
CURRENT
3
Tc = –55°C TO +125°C
—
130
250
—
150
250
—
150
250
EFFICIENCY
Tc = 25°C
72
77
—
74
79
—
74
79
—
%
Tc = –55°C TO +125°C
69
75
—
72
77
—
72
77
—
LOAD FAULT
4,5
POWER DISSIPATION
—
1.3
2.0
—
2.0
3.2
—
2.3
3.7
W
Tc = –55°C TO +125°C
—
1.4
2.3
—
2.2
3.5
—
2.5
4.0
RECOVERY
1
—
3.0
15
—
3.5
20
—
4.0
20
ms
Tc = -–55°C TO +125°C
—
3.5
15
—
3.5
20
—
4.0
20
STEP LOAD
50 %–100%– 50% LOAD
RESPONSE
6
TRANSIENT
–500
185
500
–700
350
700
–700
350
700
mV pk
Tc = –55°C TO +125°C
–500
185
500
–800
380
800
–800
380
800
RECOVERY
—
125
500
—
130
500
—
140
600
μs
Tc =–55°C TO +125°C
—
125
600
—
130
600
—
180
750
STEP LINE
12 TO 50 TO 12 V
IN
RESPONSE
6
TRANSIENT
1
–500
170
500 –1000 400
1000 –850
400
850
mV pk
Tc = –55°C TO +125°C
–500
180
500 –1000 400
1000 –850
450
850
RECOVERY
1
—
0.75
4.0
—
0.6
3.0
—
0.47
2.5
ms
Tc = –55°C TO +125°C
—
0.75
4.0
—
0.6
3.0
—
0.5
2.5
START-UP
DELAY
—
7
40
—
7
40
—
7
40
ms
Tc = –55°C TO +125°C
—
10
40
—
10
40
—
10
40
OVERSHOOT
1
—
0
150
—
0
350
—
0
450
mV pk
Tc = –55°C TO +125°C
—
0
150
—
0
350
—
0
450
CAPACITIVE LOAD
1
Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, unless otherwise specified.
Notes:
1. Guaranteed by design, not tested.
2. Specified at 50% total P
out
.
3. Lin = 2 μH.
4. Maximum duration of short circuit: 25°C-– 90 seconds, 125°C – 30 seconds.
5. Load fault is a short circuit (<50 mohms). Recovery is into resistive full load.
6. Transition ≥ 10 μs. Recovery = time to settle to within 1% of Vout final value.
7. Max. spec indicates 80% of the converter’s total power, available from either
output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com