Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TIP36 Datasheet(PDF) 1 Page - Savantic, Inc.

Part # TIP36
Description  Silicon PNP Power Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

TIP36 Datasheet(HTML) 1 Page - Savantic, Inc.

  TIP36 Datasheet HTML 1Page - Savantic, Inc. TIP36 Datasheet HTML 2Page - Savantic, Inc. TIP36 Datasheet HTML 3Page - Savantic, Inc. TIP36 Datasheet HTML 4Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
TIP36/36A/36B/36C
DESCRIPTION
·
With TO-3PN package
·Complement to type TIP35/35A/35B/35C
·DC current gain hFE=25(Min)@IC=-1.5A
APPLICATIONS
·Designed for use in general purpose
power amplifier and switching applications.
PINNING
PIN
DESCRIPTION
1
Base
2
Collector;connected to
mounting base
3
Emitter
ABSOLUTE MAXIMUM RATINGS (TC= )
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
TIP36
-40
TIP36A
-60
TIP36B
-80
VCBO
Collector-base voltage
TIP36C
Open emitter
-100
V
TIP36
-40
TIP36A
-60
TIP36B
-80
VCEO
Collector-emitter voltage
TIP36C
Open base
-100
V
VEBO
Emitter-base voltage
Open collector
-5
V
IC
Collector current
-25
A
ICM
Collector current-peak
-40
A
IB
Base current
-5
A
PC
Collector power dissipation
TC=25
125
W
Tj
Junction temperature
150
Tstg
Storage temperature
-65~150
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal resistance junction to case
1.0
/W
Fig.1 simplified outline (TO-3PN) and symbol


Similar Part No. - TIP36

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP36 MOSPEC-TIP36 Datasheet
154Kb / 3P
POWER TRANSISTORS(25A,40-100V,125W)
logo
Power Innovations Ltd
TIP36 POINN-TIP36 Datasheet
93Kb / 6P
PNP SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
TIP36 ISC-TIP36 Datasheet
154Kb / 4P
Silicon PNP Power Transistors
logo
Central Semiconductor C...
TIP36 CENTRAL-TIP36 Datasheet
272Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Comset Semiconductor
TIP36 COMSET-TIP36 Datasheet
80Kb / 4P
SILICON POWER TRANSISTORS
More results

Similar Description - TIP36

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
BD244 BOURNS-BD244 Datasheet
106Kb / 5P
PNP SILICON POWER TRANSISTORS
BD544 BOURNS-BD544 Datasheet
103Kb / 5P
PNP SILICON POWER TRANSISTORS
logo
List of Unclassifed Man...
2SA1659 ETC-2SA1659 Datasheet
48Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SA1129 ISC-2SA1129 Datasheet
95Kb / 3P
Silicon PNP Power Transistors
2SA1067 ISC-2SA1067 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA1094 ISC-2SA1094 Datasheet
181Kb / 3P
Silicon PNP Power Transistors
2SA636 ISC-2SA636 Datasheet
149Kb / 3P
Silicon PNP Power Transistors
2SA1859 ISC-2SA1859 Datasheet
146Kb / 4P
Silicon PNP Power Transistors
2SA648 ISC-2SA648 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA971 ISC-2SA971 Datasheet
155Kb / 3P
Silicon PNP Power Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com