Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

74FCT162240CTPACT Datasheet(PDF) 10 Page - Texas Instruments

Part # 74FCT162240CTPACT
Description  16-Bit Buffers/Line Drivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74FCT162240CTPACT Datasheet(HTML) 10 Page - Texas Instruments

Back Button 74FCT162240CTPACT Datasheet HTML 3Page - Texas Instruments 74FCT162240CTPACT Datasheet HTML 4Page - Texas Instruments 74FCT162240CTPACT Datasheet HTML 5Page - Texas Instruments 74FCT162240CTPACT Datasheet HTML 6Page - Texas Instruments 74FCT162240CTPACT Datasheet HTML 7Page - Texas Instruments 74FCT162240CTPACT Datasheet HTML 8Page - Texas Instruments 74FCT162240CTPACT Datasheet HTML 9Page - Texas Instruments 74FCT162240CTPACT Datasheet HTML 10Page - Texas Instruments 74FCT162240CTPACT Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MECHANICAL DATA
MTSS003D – JANUARY 1995 – REVISED JANUARY 1998
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DGG (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
4040078 / F 12/97
48 PINS SHOWN
0,25
0,15 NOM
Gage Plane
6,00
6,20
8,30
7,90
0,75
0,50
Seating Plane
25
0,27
0,17
24
A
48
1
1,20 MAX
M
0,08
0,10
0,50
0
°–8°
56
14,10
13,90
48
DIM
A MAX
A MIN
PINS **
12,40
12,60
64
17,10
16,90
0,15
0,05
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com