Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MSP430C323IPM Datasheet(PDF) 21 Page - Texas Instruments

Part # MSP430C323IPM
Description  MIXED SIGNAL MICROCONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430C323IPM Datasheet(HTML) 21 Page - Texas Instruments

Back Button MSP430C323IPM Datasheet HTML 17Page - Texas Instruments MSP430C323IPM Datasheet HTML 18Page - Texas Instruments MSP430C323IPM Datasheet HTML 19Page - Texas Instruments MSP430C323IPM Datasheet HTML 20Page - Texas Instruments MSP430C323IPM Datasheet HTML 21Page - Texas Instruments MSP430C323IPM Datasheet HTML 22Page - Texas Instruments MSP430C323IPM Datasheet HTML 23Page - Texas Instruments MSP430C323IPM Datasheet HTML 24Page - Texas Instruments MSP430C323IPM Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
MSP430C32x, MSP430P325A
MIXED SIGNAL MICROCONTROLLER
SLAS219B – MARCH 1999 – REVISED MARCH 2000
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted) (continued)
JTAG
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
f(TCK)
TCK frequency
VCC = 3 V
DC
5
MHz
f(TCK)
JTAG/Test
TCK frequency
VCC = 5 V
DC
10
MHz
R(TEST)
JTAG/Test
Pullup resistors on TMS, TCK, TDI
(see Note 20)
VCC = 3 V/ 5 V
25
60
90
k
Ω
Fuse blow voltage, C versions (see Note 22)
VCC = 3 V/ 5 V
5.5
6
V(FB)
JTAG/Fuse (see Note 21)
Fuse blow voltage, E/P versions
(see Note 22)
VCC = 3 V/ 5 V
11
12
V
I(FB)
()
Supply current on TDI to blow fuse
100
mA
t(FB)
Time to blow the fuse
1
ms
V(PP)
Programming voltage, applied to TDI/VPP
12
12.5
13
V
I(PP)
Current from programming voltage source
70
mA
t(pps)
EPROM (E) and OTP(P) –
Programming time, single pulse
5
ms
t(ppf)
()
()
versions only
Programming time, fast algorithm
100
µs
Pn
Number of pulses for successful programming
4
100
µs
Data retention TJ < 55°C
10
year
t(erase)
EPROM (E) versions only
Erase time wave length 2537 Å at 15 Ws/cm2
(UV lamp of 12 mW/ cm2)
30
min
()
y
Write/Erase cycles
1000
cycles
NOTES: 20. The TMS and TCK pullup resistors are implemented in all C-, P-, and E-versions. The pullup resistor on TDI is implemented in
C-versions only.
21. Once the JTAG fuse is blown, no further access to the MSP430 JTAG/test feature is possible. The JTAG block switches to by-pass
mode.
22. The voltage supply to blow the JTAG fuse is applied to TDI/VPP pin when fuse blowing is desired.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com