Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RC4136 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # RC4136
Description  QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RC4136 Datasheet(HTML) 2 Page - Texas Instruments

  RC4136 Datasheet HTML 1Page - Texas Instruments RC4136 Datasheet HTML 2Page - Texas Instruments RC4136 Datasheet HTML 3Page - Texas Instruments RC4136 Datasheet HTML 4Page - Texas Instruments RC4136 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RC4136, RM4136, RV4136
QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
SLOS072 – MARCH 1978 – REVISED SEPTEMBER 1990
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
schematic (each amplifier)
OUT
IN+
IN–
VCC–
VCC+
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
RC4136
RM4136
RV4136
UNIT
Supply voltage VCC + (see Note 1)
18
22
18
V
Supply voltage VCC – (see Note 1)
–18
–22
–18
V
Differential input voltage (see Note 2)
±30
±30
±30
V
Input voltage (any input, see Notes 1 and 3)
±15
±15
±15
V
Duration of output short circuit to ground, one amplifier at a time (see Note 4)
unlimited
unlimited
unlimited
Continuous total dissipation
See Dissipation Rating Table
Operating free-air temperature range
0 to 70
– 55 to 125
– 40 to 85
°C
Storage temperature range
– 65 to 150
– 65 to 150
– 65 to 150
°C
Case temperature for 60 seconds
FK package
—
260
—
°C
Lead temperature 1,6 mm (1/16 inch) from case for 60 seconds
J or W package
—
300
—
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
D or N package
260
—
260
°C
NOTES:
1. All voltage values, unless otherwise noted, are with respect to the midpoint between VCC + and VCC – .
2. Differential voltages are at IN+ with respect to IN –.
3. The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 V, whichever is less.
4. Temperature and/or supply voltages must be limited to ensure that the dissipation rating is not exceeded.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING
FACTOR
DERATE
ABOVE TA
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
TA = 125°C
POWER RATING
D
800 mW
7.6 mW/
°C
45
°C
608 mW
494 mW
—
FK
800 mW
11.0 mW/
°C77°C
800 mW
715 mW
275 mW
J
800 mW
11.0 mW/
°C77°C
800 mW
715 mW
275 mW
N
800 mW
9.2 mW/
°C63°C
736 mW
598 mW
—
W
800 mW
8.0 mW/
°C
50
°C
640 mW
520 mW
200 mW



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com