Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MCSOVT Datasheet(PDF) 1 Page - MICORO CRYSTAL SWITZERLAND

Part # MCSOVT
Description  SMD Ceramic Clock-Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

MCSOVT Datasheet(HTML) 1 Page - MICORO CRYSTAL SWITZERLAND

  MCSOVT Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND MCSOVT Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MCSOHVTSMD Ceramic Clock-Oscillator
Overall stability ± 50ppm
3.3V Power Supply
20 to 160MHz
Date :
June 2003
Revision No. : 7
Revision Date : 11-05
Page 1 / 2
In accordance with our policy of continuous development and improvement,
we reserve the right to modify the design or the specifications of our products without prior notice.
Headquarters:
Micro Crystal
Div. of ETA SA
Mühlestrasse 14
CH-2540 Grenchen
Switzerland
Tel.
Fax
Internet
Email
+41 32 655 82 82
+41 32 655 80 90
www.microcrystal.ch
sales@microcrystal.ch
FREQUENCY STABILITY
OVER:
OPERATING TEMP. RANGE:
See note 1
OVERALL STABILITY:
< ±50ppm *
INCLUDING:
•
OVER OPERATING TEMPERATURE RANGE
•
ADJUSTMENT @ 25°C
•
LONG TERM AGING (1 YEARS)
•
STABILITY OVER SUPPLY VOLTAGE ±5%
•
STABILITY OVER LOAD (MIN. TO MAX.)
POWER SUPPLY
SUPPLY VOLTAGE:
Vdd = 3.3V ±5%
*
INPUT CURRENT:
< 30mA*
OUTPUT
OUTPUT SIGNAL:
AC-MOS compatible *
SYMMETRY:
40 / 60% (min.) @ Vdd / 2 *
RISE & FALL TIME:
tr < 3ns
tf < 3ns *
LEVEL “0” & “1”:
< 0.4V
> Vdd – 0.5V
START-UP TIME:
< 5ms
FAN OUT (LOAD):
10 TTL / LS *
ENVIRONMENT
OPERABLE TEMP. RANGE:
-55 to +125°C
STORAGE TEMP. RANGE:
-65 to +125°C
VIBRATIONS:
10 to 2000Hz / 10g
SHOCKS:
5000g, 0.3ms, ½ sine
PACKAGE:
Ceramic
PACKAGE DIMENSIONS:
14.1 x 9.3 x 2.4mm
(see packaging info)
PROCESSING:
Reflow soldering 260°C / 10s max.
(see packaging info)
MISCELLANEOUS
* Customer’s specification on request
Note 1: Operating Temperature Range
MCSOHVT-A:
0 to +70 °C
MCSOHVT-B:
-40 to +85 °C
MCSOHVT-C:
-55 to +125 °C
Option 1: Enable / Disable (on request)
See application circuit on page 2 for details
Pin 1:
Pin 3 (Fout)::
Open
Clock
H
Clock
L
High Z
Option 2: J / Leads (on request)
With tinned J / Leads pins
Height: 3.8mm included J / Leads
Marking Example
MCSOHVT-B
E/D
Type
Option 1
160.000 MHz
05.44
Frequency
Date Code
(PIN 1)
Ordering Information Example
MCSO
HVT - B
160MHz E/D
xxx
Oscillator Type
MCSO = Surface Mount
Clock
Crystal Oscillator
Oscillator Version
Temperature Range
H = High Frequency
V = Low Power Voltage
T = Tight Tolerance
A = 0 to +70°C
B = -40 to 85°C
C = -55 to 125°C
X = Custom spec.
Oscillator Output
Frequency
Option 1:
E/D = Enable /
Disable
Customer
spec N°
J/L
Option 2:
J/L = J-Leads
STANDARD FREQUENCIES [MHz]
40.0000
40.6000
40.9600
44.2368
48.0000
49.1520
50.0000
50.7500
51.1500
51.2000
52.0000
55.2960
58.9824
60.0000
60.9000
61.3800
61.4400
64.0000
65.0000
65.5360
66.3552
72.0000
73.7280
76.8000
78.0000
80.0000
81.2000
81.8400
81.9200
88.4736
90.0000
96.0000
98.3040
100.0000
102.4000
104.0000
108.0000
110.5920
117.9640
120.0000
125.0000
128.0000
131.0720
132.7104
144.0000
150.0000
160.0000


Similar Part No. - MCSOVT

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MCSOV GOLLEDGE-MCSOV Datasheet
67Kb / 1P
3.3V CMOS Oscillator Mil Temp
logo
MICORO CRYSTAL SWITZERL...
MCSOV MICROCRYSTAL-MCSOV Datasheet
75Kb / 2P
SMD Ceramic Clock-Oscillator
logo
Golledge Electronics Lt...
MCSOV GOLLEDGE-MCSOV Datasheet
567Kb / 4P
Excellent shock & vibration resistance
MCSOV/BE GOLLEDGE-MCSOV/BE Datasheet
67Kb / 1P
3.3V CMOS Oscillator Mil Temp
MCSOV GOLLEDGE-MCSOV_18 Datasheet
567Kb / 4P
Excellent shock & vibration resistance
More results

Similar Description - MCSOVT

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ALD ABRACON-ALD_2 Datasheet
312Kb / 2P
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
logo
MICORO CRYSTAL SWITZERL...
MCSO MICROCRYSTAL-MCSO Datasheet
75Kb / 2P
SMD Ceramic Clock-Oscillator
MCSOF MICROCRYSTAL-MCSOF Datasheet
77Kb / 2P
SMD Ceramic Clock-Oscillator
MCSOFV MICROCRYSTAL-MCSOFV Datasheet
77Kb / 2P
SMD Ceramic Clock-Oscillator
MCSOH MICROCRYSTAL-MCSOH Datasheet
75Kb / 2P
SMD Ceramic Clock-Oscillator
MCSOHT MICROCRYSTAL-MCSOHT Datasheet
75Kb / 2P
SMD Ceramic Clock-Oscillator
MCSOHV MICROCRYSTAL-MCSOHV Datasheet
75Kb / 2P
SMD Ceramic Clock-Oscillator
MCSOHVT MICROCRYSTAL-MCSOHVT Datasheet
75Kb / 2P
SMD Ceramic Clock-Oscillator
MCSOT MICROCRYSTAL-MCSOT Datasheet
75Kb / 2P
SMD Ceramic Clock-Oscillator
MCSOV MICROCRYSTAL-MCSOV Datasheet
75Kb / 2P
SMD Ceramic Clock-Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com