Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

KBPC3508 Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # KBPC3508
Description  SINGLE-PHASE BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

KBPC3508 Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  KBPC3508 Datasheet HTML 1Page - MIC GROUP RECTIFIERS KBPC3508 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MASTER INSTRUMENT CORPORATION
SINGLE-PHASE BRIDGE RECTIFIER
MB3505 THRU MB3510
KBPC35005 THRU KBPC3510
VOLTAGE RANGE
CURRENT
50 to 1000 Volts
35 Amperes
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
1/2
FEATURES
l Low cost
l This series is UL recognized under component
index, file number E127707
l High forward surge current capability
l Ideal for printed circuit board
l High isolation voltage from case to leads
l High temperature soldering guaranteed:
260
oC/10 second, at 5 lbs. (2.3kg) tension.
MECHANICAL DATA
l Case: Molded plastic body
l Terminal: Plated 0.25” (6.35mm) lug.
l Polarity: Polarity symbols marked on case
l Mounting: Thru hole for #10 screw, 20 in.-lbs torque max.
l Weight:1.02 ounce, 29 grams
MB-35
0.033( 0.84)
0.028( 0.71)
0.252( 6.4)
0.248( 6.3)
0.252( 6.4)
0.248( 6.3)
0.09
( 2.
3) D
IA
0.472( 12.0)
0.374( 9.5)
0.46( 11.7)
0.41( 10.5)
DIA
0.205( 5.2)
0.197( 5.0)
0.570( 14.5)
0.530( 13.5)
0.666( 16.9)
0.626( 15.9)
1.14( 28.9)
1.12( 28.4)
0.728( 18.5)
0.688( 17.5)
1.14( 28.9)
1.12( 28.4)
0.666( 16.9)
0.626( 15.9)
-
+
AC
AC
EXOPY CASE
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load derate current by 20%.
SYMBOLS
MB3505
KBPC35005
MB351
KBPC3501
MB352
KBPC3502
MB354
KBPC3504
MB356
KBPC3506
MB358
KBPC3508
MB3510
KBPC3510
UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward
Rectified Output Current, at TC=50℃(Note1,2)
I(AV)
35
Amps
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rated load (JEDEC
Method)
IFSM
400
Amps
Rating for Fusing(t<8.3ms)
I
2T
664
A
2S
Maximum Instantaneous Forward Voltage at 17.5A
VF
1.1
Volts
TA=25℃
10
µAmps
Maximum DC Reverse Current at
rated DC blocking voltage
TA=125℃
IR
1.0
mAmps
Isolation Voltage from case to lugs
VISO
2500
VAC
Typical Thermal Resistance (Note 1,2)
RθJC
2.0
℃/W
Operating Temperature Range
TJ
-55 to +150
℃
Storage Temperature Range
TSTG
-55 to +150
℃
NOTES:
1.
Unit mounted on 9”×3.5”×4.6”(23×9×11.8mm) Al. finned plate.
2.
Bolt down on heat-sink with silicone thermal compound between bridge and mounting surface for maximum heat transfer efficiency with #10 screw.


Similar Part No. - KBPC3508

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC3508 WTE-KBPC3508 Datasheet
52Kb / 4P
15,25,35A HIGH CURRENT BRIDGE RECTIFIER
logo
Semtech Corporation
KBPC3508 SEMTECH-KBPC3508 Datasheet
215Kb / 2P
10A/15A/25A/35A SINGLE - PHASE SILICON BRIDGE?
logo
Shanghai Sunrise Electr...
KBPC3508 SSE-KBPC3508 Datasheet
17Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC3508 CHENYI-KBPC3508 Datasheet
182Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Dc Components
KBPC3508 DCCOM-KBPC3508 Datasheet
560Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - KBPC3508

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
Single Phase Rectifier Bridge
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Solid States Devices, I...
SDA276A SSDI-SDA276A Datasheet
80Kb / 2P
SINGLE PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436_07 Datasheet
117Kb / 2P
Single Phase Bridge Rectifier
logo
Naina Semiconductor ltd...
25MB NAINA-25MB Datasheet
105Kb / 2P
Single Phase Bridge Rectifier
logo
Diotec Semiconductor
KBPC1500FW DIOTEC-KBPC1500FW_18 Datasheet
392Kb / 2P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO20 IXYS-VBO20 Datasheet
185Kb / 2P
Single Phase Rectifier Bridge
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com