Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TPS_SX400 Datasheet(PDF) 2 Page - C&D Technologies

Part # TPS_SX400
Description  AC/DC POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

TPS_SX400 Datasheet(HTML) 2 Page - C&D Technologies

  TPS_SX400 Datasheet HTML 1Page - C&D Technologies TPS_SX400 Datasheet HTML 2Page - C&D Technologies TPS_SX400 Datasheet HTML 3Page - C&D Technologies TPS_SX400 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SX400 2/98 REV A
Page 2
Input Specifications
Remote Sense
Remote Sense is provided and will compensate for 1.0V
of line drop. Remote Sense leads are protected against
open, short and reversal.
Remote On/Off (Optional)
The power supply is turned on with a TTL logic ‘1’ (or open)
signal and turned off by a switch closure or TTL logic ‘0’
referenced to (-) sense terminal. Consult the factory for
other options.
Over Voltage Protection
Output #1: 15% of nominal voltage is typical.
The power supply will latch off until AC power is cycled.
Over Current Protection
Automatic recovery upon fault removal.
Transient Response
The peak output voltage excursion will not exceed 2% and
will recover within 1% in 200
μsec for a 25% step load.
Reverse Voltage Protection
The output is protected to rated load.
Power Fail Signal
Upon AC input voltage removal, the power fail signal drops
to logic zero at least 10msec before loss of DC output.
Upon AC input turn-on, signal remains low until output is in
regulation. Consult the factory for other options.
N+1 Load Share
Output has active load sharing circuitry. Units will load
share within 1% of the Maximum Rated Load.
Over Temperature Protection
Thermal switch turns off power supply if overheating occurs
and automatically restarts.
Safety
UL Recognized: UL File Number E13164 (1950)
CSA Certified: CSA File Number LR 9070C
(C22.2 No950, Level 6)
TUV License Number: R9773309 (EN60950) (IEC950)
Cooling
The unit is designed to operate with 30 CFM of airflow.
DC Power Good Signal
The signal is activated by a ±10% loss of regulation Active
low or high; TTL Level; common with (-) sense. Consult the
factory for other options.
Parameter
Conditions
Min
Typ
Max
Units
Operating Range
47-63 Hz
90
264
VAC
Inrush Current Limiting
Thermistor
120 VAC, cold start
30
APK
240 VAC, cold start
60
APK
Active Current Limit
264 VAC
19
APK
Efficiency
Nominal line and full load
75
%
Power Factor Correction (PFC)
0.99
Meets IEC 1000-4-7/EN61000-3-2 (formerly IEC 555-2)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com