Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TPS_SX500 Datasheet(PDF) 3 Page - C&D Technologies

Part # TPS_SX500
Description  AC/DC POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

TPS_SX500 Datasheet(HTML) 3 Page - C&D Technologies

  TPS_SX500 Datasheet HTML 1Page - C&D Technologies TPS_SX500 Datasheet HTML 2Page - C&D Technologies TPS_SX500 Datasheet HTML 3Page - C&D Technologies TPS_SX500 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SX500 10/98 REV B
Page 3
Output Voltages and Maximum Rated Loads
OUTPUT
MODEL NUMBER
VOUT
IMAX
IPK
SX500-U1A
±24V
21A
26A
SX500-U1B
±28V
18A
22A
SX500-U1C
±36V
14A
17A
SX500-U1D
±48V
10.5A
12.5A
Output Specifications
Parameter
Limits
Regulation
Line
± 0.2%
Load
±0.5%
Minimum Load
0.1A
Hold-Up Time
20mSec at Full Load
Parameter
Conditions
Min
Typ
Max
Units
Voltage Adjustment Range
±5
%
PARD
20 MHz bandwidth
0.5
% P-P
Temperature
Operating
050
°C
Storage
-20
+85
°C
Temperature Coefficient (TC)
After half hour warm-up
± 0.02
% /°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com