Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MM4XMS Datasheet(PDF) 1 Page - Spectrum Microwave, Inc.

Part # MM4XMS
Description  Triple Balanced Mixer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRUM [Spectrum Microwave, Inc.]
Direct Link  http://www.spectrummicrowave.com
Logo SPECTRUM - Spectrum Microwave, Inc.

MM4XMS Datasheet(HTML) 1 Page - Spectrum Microwave, Inc.

  MM4XMS Datasheet HTML 1Page - Spectrum Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
614
MICROWAVE
A Spectrum Control Business
ECTRU
SPECTRUM MICROWAVE • 2144 Franklin Drive N.E. • Palm Bay, Florida 32905 • Phone: (888) 553-7531 • Fax: (888) 553-7532
SPECTRUM CONTROL GmbH • Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
www.specwave.com
Triple Balanced Mixer
Multi-Octave Band
Model MM4xMS
Model MM4xMS-15
RF 1.5 to 9.0 GHz
LO(GHz)
2.0-9.0
1.5-9.0
1.5-9.0
3.0-9.0
1.5-9.0
1.5-9.0
1.5-9.0
1.5-9.0
RF(GHz)
2.0-9.0
1.5-9.0
1.5-9.0
1.5-9.0
1.5-9.0
1.5-9.0
IF(MHz)
10-2000
10-4000
10-4000
10-4000
10-4000
10-4000
Min
15 dB
20 dB
22 dB
Typical
6.0 dB
6.5 dB
22 dB
27 dB
35 dB
31 dB
42 dB
+5 dBm
+8 dBm
+12 dBm
+15 dBm
+14 dBm
+17 dBm
+21 dBm
+24 dBm
+10 dBm
+13 dBm
+17 dBm
+21 dBm
Max
7.5 dB
9.0 dB
MM44
MM46
MM47
MM48
MM44
MM46
MM47
MM48
MM44
MM46
MM47
MM48
Conditions
Specifications
Electrical Specifications
(1):
Parameter
SSB Conversion
loss:
(2) (3)
Isolation
LO to RF:
LO to IF:
RF to IF:
IF to RF:
Input 1-dB
Compression Point:
Input Third Order
Intercept Point:
LO Power:
(4)
Notes:
1. Specifications are guaranteed when tested as a downconverter in a 50 Ohm system at +25˚C with the
nominal LO power. Specifications indicated as typical are not guaranteed.
2. Noise figure is typically within ±0.5 dB of conversion loss.
3. Conversion loss typically degrades less than 0.5 dB at +100˚C and improves less than 0.5 dB at -55˚C.
4. Usable LO drives are up to 2 dB below and 3 dB above nominal.
5. See Application Note M112, for aid in selecting the outline and for mounting and installation information.
z
Typical
Performance
at 25˚C
MM4xMS
0.38
0.38
MM4xMS-15
LO Power
4 = +10 dBm
6 = +13 dBm
7 = +17 dBm
8 = +21 dBm
All dimensions are in inches and [mm].
Outline: MS3AL
Outline: MS3BL


Similar Part No. - MM4XMS

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
MM4XMS-10 SPECTRUM-MM4XMS-10 Datasheet
197Kb / 1P
Double Balanced Mixer
MM4XMS-17 SPECTRUM-MM4XMS-17 Datasheet
197Kb / 1P
Double Balanced Mixer
More results

Similar Description - MM4XMS

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M52 MACOM-M52 Datasheet
513Kb / 3P
Triple-Balanced Mixer
M83 MACOM-M83 Datasheet
424Kb / 3P
Triple-Balanced Mixer
MY50A MACOM-MY50A Datasheet
395Kb / 3P
Triple-Balanced Mixer
MY87C MACOM-MY87C Datasheet
401Kb / 3P
Triple-Balanced Mixer
logo
M/A-COM Technology Solu...
M50C MA-COM-M50C Datasheet
1Mb / 3P
Triple-Balanced Mixer
M52C MA-COM-M52C Datasheet
1Mb / 3P
Triple-Balanced Mixer
MY51C MA-COM-MY51C Datasheet
163Kb / 3P
Triple-Balanced Mixer
MY87C MA-COM-MY87C Datasheet
157Kb / 3P
Triple-Balanced Mixer
MZ5010C MA-COM-MZ5010C Datasheet
152Kb / 3P
Triple-Balanced Mixer
MZ8810C MA-COM-MZ8810C Datasheet
139Kb / 3P
Triple-Balanced Mixer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com