Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

106MHBA02K Datasheet(PDF) 4 Page - Illinois Capacitor, Inc.

Part # 106MHBA02K
Description  Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

106MHBA02K Datasheet(HTML) 4 Page - Illinois Capacitor, Inc.

  106MHBA02K Datasheet HTML 1Page - Illinois Capacitor, Inc. 106MHBA02K Datasheet HTML 2Page - Illinois Capacitor, Inc. 106MHBA02K Datasheet HTML 3Page - Illinois Capacitor, Inc. 106MHBA02K Datasheet HTML 4Page - Illinois Capacitor, Inc. 106MHBA02K Datasheet HTML 5Page - Illinois Capacitor, Inc. 106MHBA02K Datasheet HTML 6Page - Illinois Capacitor, Inc. 106MHBA02K Datasheet HTML 7Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
4 Lead Construction
LL
P
L
T
d
S
H
L
S
H
P
d
32
27.5
<22
10.2
0.8
32
27.5
22<H<28
52.5
1.2
32
27.5
≥28
10.2
1.2
42.5
37.5
≤37
10.2
1.2
42.5
37.5
>37
20.3
1.2
57.5
52.5
ALL
20.3
1.2
µF
Convert to inches, divide by 25.4
4 Lead Construction
LxHxT mm
WVDC
(VAC)
500
(250)
600
(330)
370
(160)
3
32x33x18
32x37x22
3.3
32x33x18
4
32x33x18
32x37x22
5
32x33x18
32x37x22
42.5x37x28
6.8
32x33x18
32x37x22
8
42.5x37x28
42.5x45x30
10
32x37x22
42.5x33.5x22
42.5x37x28
42.5x45x30
57.5x45x30
12.5
57.5x45x30
15
42.5x30x22
42.5x37x28
57.5x45x30
57.5x50x35
42.5x45x30
20
57.5x45x30
57.5x50x35
22
42.5x37x28
42.5x45x30
25
57.5x45x30
57.5x50x35
30
57.5x45x30
33
42.5x45x30
40
57.5x45x30
57.5x50x35
50
57.5x50x35
60
57.5x50x35
700
(380)
800
(400)
MHB
Radial Leaded Polypropylene
Film Capacitors
with Double Sided
Metallized Electrodes
PHYSICAL DIMENSION



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com