Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SA1576F Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SA1576F
Description  PNP Silicon General Purpose Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SA1576F Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SA1576F Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SA1576F Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2SA1576F Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Any changing of specification will not be informed individual
2SA1576F
PNP Silicon
General Purpose Transistor
RoHS Compliant Product
·
Complements the 2SC4081F
COLLECTOR
3
1
BASE
2
EMITTER
Dim
Min
Max
A
1.800
2.200
B
1.150
1.350
C
0.800
1.000
D
0.300
0.400
G
1.200
1.400
H
0.000
0.100
J
0.100
0.250
K
0.350
0.500
L
0.590
0.720
S
2.000
2.400
V
0.280
0.420
All Dimension in mm
SOT-323
K
J
C
H
L
A
B S
G
V
3
1
2
D
Top View
1
2
3
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2002 Rev. A
Page 1 of 3
Absolute Maximum Ratings at Ta = 25
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
Storage Temperature
Tstg
-55~+150
Collector to Base Voltage
VCBO
-60
V
Collector to Emitter Voltage
VCEO
-50
V
Emitter to Base Voltage
VEBO
-6
V
Collector Current
IC
-150
mA
Total Power Dissipation
PD
225
mW
Characteristics at Ta = 25
Parameter
Symbol
Min
Typ.
Max
Unit
Test Conditions
Collector-Base Breakdown Voltage
BVCBO
-60
-
-
V
IC=-50uA
Collector-Emitter Breakdown Voltage
BVCEO
-50
-
-
V
IC=-1mA
Emitter-Base Breakdown Voltage
BVEBO
-6
-
-
V
IE=-50uA
Collector-Emitter Breakdown Voltage
ICBO
-
-
-100
nA
VCB=-60V
Emitter-Base Cutoff Current
IEBO
-
-
-100
nA
VEB=-6V
Collector Saturation Voltage 1
VCE(sat)
-
-
-500
mV
IC=-50mA, IB=-5mA
DC Current Gain
hFE
120
-
560
-
VCE=-6V, IC=-1mA
Gain-Bandwidth Product
fT
-
140
-
MHz
VCE=-12V, IE=-2mA, f=100MHz
Output Capacitance
Cob
-
4.0
5.0
pF
VCB=-12V, f=1MHz, IE=0
Range
120 - 270
180 - 390
270 - 560
*Pulse Test: Pulse Width = 380us, Duty Cycle = 2%
Classification of hFE
Rank
Q
R
S
Feature
Marking Code: 5AX
X = hFE Rank Code


Similar Part No. - 2SA1576F

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA1576 ROHM-2SA1576 Datasheet
116Kb / 3P
EPITAXIAL PLANAR SUPER / ULTRA MINI MOLD PNP SILICON TRANSISTORS
logo
Guangdong Kexin Industr...
2SA1576 KEXIN-2SA1576 Datasheet
46Kb / 1P
PNP silicon Transistor
logo
Rohm
2SA1576A ROHM-2SA1576A Datasheet
76Kb / 3P
General Purpose Transistor
2SA1576A ROHM-2SA1576A Datasheet
72Kb / 4P
General Purpose Transistor
logo
TRANSYS Electronics Lim...
2SA1576A TEL-2SA1576A Datasheet
68Kb / 1P
Plastic-Encapsulated Transistors
More results

Similar Description - 2SA1576F

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT2907AWT1 ONSEMI-MMBT2907AWT1 Datasheet
76Kb / 4P
General Purpose Transistor(PNP Silicon)
April, 2004 ??Rev. 3
logo
Zowie Technology Corpor...
MMBT2907A ZOWIE-MMBT2907A Datasheet
90Kb / 4P
GENERAL PURPOSE TRANSISTOR PNP SILICON
logo
Weitron Technology
A733LT1 WEITRON-A733LT1 Datasheet
1Mb / 4P
General Purpose Transistor PNP Silicon
BC807-16 WEITRON-BC807-16 Datasheet
322Kb / 4P
General Purpose Transistor PNP Silicon
MMBT3906 WEITRON-MMBT3906 Datasheet
300Kb / 6P
General Purpose Transistor PNP Silicon
logo
SeCoS Halbleitertechnol...
2N2907A SECOS-2N2907A Datasheet
210Kb / 5P
PNP Silicon General Purpose Transistor
2SA1036K SECOS-2SA1036K Datasheet
227Kb / 2P
PNP Silicon General Purpose Transistor
2SB709A SECOS-2SB709A Datasheet
564Kb / 3P
PNP Silicon General Purpose Transistor
logo
ON Semiconductor
BCW68GLT1G ONSEMI-BCW68GLT1G Datasheet
113Kb / 3P
General Purpose Transistor PNP Silicon
August, 2009 ??Rev. 5
logo
SeCoS Halbleitertechnol...
2SA727 SECOS-2SA727_15 Datasheet
250Kb / 2P
PNP Silicon General Purpose Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com