Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SC2120 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SC2120
Description  NPN Type Plastic Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC2120 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SC2120 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SC2120 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
2S
C2120
http://www.SeCoSGmbH.com
Elektronische Bauelemente
FEATURES
MAXIMUM RATINGS* TA=25℃ unless otherwise noted
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
35
IC
Collector Current -Continuous
0.8
A
PCM
Power Dissipation
0.6
W
TJ, Tstg
Junction and Storage Temperature
-55-150
℃
V
1 2
TO-92
1. EMITTER
2. COLLECTOR
.
BASE
1
2
3
3
3
01-Jun-2002 Rev. A
Page 1 of 2
NPN Type
Plastic Encapsulate Transistors
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic= 0.1mA , IE=0
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= 10 mA , IB=0
30
V
Emitter-base breakdown voltage
V(BR)EBO
IE=0.1mA, IC=0
5
V
Collector cut-off current
ICBO
VCB= 35V , IE=0
0.1
µA
Collector cut-off current
ICEO
VCE= 25V , IB=0
0.1
µA
Emitter cut-off current
IEBO
VEB= 5 V,
IC=0
0.1
µA
DC current gain
hFE
VCE=1 V, IC= 100mA
100
Collector-emitter saturation voltage
VCE(sat)
IC= 500 mA, IB= 20 mA
0.5
V
Base-emitter voltage
VBE
VCE= 1V, IC= 10mA
0.8
V
Transition frequency
f T
VCE= 5 V, IC= 10mA
100
MHz
CLASSIFICATION OF hFE
Rank
O
Y
Range
100-200
160-320
35
320
ELECTRICAL CHARACTERISTICS(Tamb=25℃
unless otherwise specified)
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - 2SC2120

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2120 TOSHIBA-2SC2120 Datasheet
135Kb / 2P
TRANSISTOR (AUDIO POWER AMPLIFIER APPLICATIONS)
logo
List of Unclassifed Man...
2SC2120 ETC1-2SC2120 Datasheet
41Kb / 1P
Medium Power Amplifiers and Switches
logo
Toshiba Semiconductor
2SC2120 TOSHIBA-2SC2120 Datasheet
313Kb / 3P
Silicon NPN Epitaxial Type (PCT process)
logo
Dc Components
2SC2120 DCCOM-2SC2120 Datasheet
215Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
logo
SeCoS Halbleitertechnol...
2SC2120 SECOS-2SC2120 Datasheet
135Kb / 2P
NPN Plastic Encapsulated Transistor
More results

Similar Description - 2SC2120

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SC1815 SECOS-2SC1815 Datasheet
188Kb / 2P
NPN Type Plastic Encapsulate Transistors
2SC1815K SECOS-2SC1815K Datasheet
166Kb / 3P
NPN Type Plastic Encapsulate Transistors
logo
Micro Commercial Compon...
BC337-16 MCC-BC337-16 Datasheet
125Kb / 3P
NPN Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
S9018T SECOS-S9018T Datasheet
110Kb / 1P
NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
BCX55 MCC-BCX55 Datasheet
298Kb / 3P
NPN Plastic-Encapsulate Transistors
KTC4075-O MCC-KTC4075-O Datasheet
311Kb / 4P
NPN Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
2SD669 SECOS-2SD669 Datasheet
242Kb / 3P
NPN Type Plastic Encapsulate Transistors
logo
Bruckewell Technology L...
A42 BWTECH-A42 Datasheet
540Kb / 4P
NPN Plastic-Encapsulate Transistors
S9014 BWTECH-S9014 Datasheet
327Kb / 4P
NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
2SC2712-O MCC-2SC2712-O_13 Datasheet
277Kb / 3P
NPN Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com