Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

QG201B Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # QG201B
Description  VOLTAGE 50V ~ 1000V 2.0Amp Surface Mount Silicon Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

QG201B Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  QG201B Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH QG201B Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Any changing of specification will not be informed individual
QG201B THRU QG207B
VOLTAGE 50V ~ 1000V
2.0Amp Surface Mount Silicon Rectifiers
.1
1.0
10
100
RATING AND CHARACTERISTIC CURVES (
QG201B THRU QG207B)
FIG.3 - TYPICAL REVERSE
CHARACTERISTICS
FIG.4-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
PERCENTAGE RATED PEAK REVERSE VOLTAGE
8.3ms Single Half
Sine Wave
JEDEC method
0
10
20
30
40
50
1
10
50
100
0
20
40
60
80
100 120 140
AMBIENT TEMPERATURE ( C)
.1
.01
1
10
100
FIG.1-TYPICAL FORWARD
CHARACTERISTICS
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
.6
.8
1.0
1.2
1.4
1.6
1.8
2.0
.01
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
1.0
2.0
Tj=100 C
Tj=25 C
Tj=25 C
Tj=25 C
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
175
150
125
100
75
50
25
0
.01
.05
.1
.5
1
5
10
50
100
0
0
20
40
60
80
100
120
140
160
180
200
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2002 Rev. A
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com