Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SCS120P Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS120P
Description  VOLTAGE 20 V ~ 100 V 1.0 A Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS120P Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS120P Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS120P Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SCS120P THRU SCS1100P
VOLTAGE 20 V ~ 100 V
1.0 A Schottky Barrier Rectifiers
01-June-2008 Rev. E
Page 1 of 2
http://www.SeCoSGmbH.com
Any changes of specification will not be informed individually.
PACKAGE DIMENSIONS
SOD–123
PLASTIC PACKAGE
A
B
E
C
J
D
H
G
DIM
MIN
MAX
MIN
MAX
MILLMETERS
A
3.55
3.85
0.140
0.152
B
C
D
E
G
H
J
INCHES
------
1.25
------
0.049
1.40
1.80
0.550
0.071
2.55
2.85
0.100
0.112
0.30
0.78
0.120
0.031
0.15
------
0.006
-------
-----
0.25
-------
0.001
-----
0.15
-------
0.006
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
High Current Capability
Extremely Low Thermal Resistance
For Surface Mount Application
Higher Temp Soldering : 250°C for 10 Seconds at Terminals
Low Forward Voltage
MECHANICAL DATA
Case: Molded Plastic
Epoxy: UL 94V-0 Rate Flame Retardant
Lead: Axial Leads, Solderable per MIL-STD-202
method 208 Guaranteed
Polarity: Color Band Denotes Cathode End
Mounting Position: Any
MARKING CODE
SCS120P
BR
SCS140P
BM
SCS160P
XG
SCS1100P
XH
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25°C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
SYMBOL
SCS120P
SCS140P
SCS160P
SCS1100P
UNITS
Peak Repetitive Peak reverse voltage
Working Peak Reverse Voltage
Maximum DC Blocking Voltage
VRRM
VRWM
VR
20
40
60
100
V
Average Forward Current @TJ=25°C
IF(AV)
1.0
A
Peak Forward Current @ 8.3 ms Half Sine
IFSM
10
A
Maximum Instantaneous Forward Voltage
VF @ IFM = 1.0 A, TA = 25°C
VF
0.45
0.55
0.66
0.83
V
Maximum DC Reverse Current
At Rated DC Blocking Voltage @ TJ = 25°C
IR
0.3
mA
Typical Junction Capacitance
CJ
30
pF
Operating Temperature Range
TJ
- 50 ~ + 150
°C
Storage temperature
TSTG
- 65 ~ + 175
°C
NOTES:
1. Measured at 1MHz and applied reverse voltage of 5.0 V D.C.
2. Thermal Resistance Junction to Ambient.


Similar Part No. - SCS120P

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
SCS120P WILLAS-SCS120P Datasheet
153Kb / 2P
VOLTAGE 20V ~ 100V 1.0AMP Schottky Barrier Rectifiers
logo
CHENG-YI ELECTRONIC CO....
SCS120P CHENG-YI-SCS120P Datasheet
293Kb / 2P
1.0AMP Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SCS120P-C SECOS-SCS120P-C Datasheet
220Kb / 2P
Schottky Barrier Rectifiers
SCS120PR SECOS-SCS120PR Datasheet
198Kb / 2P
VOLTAGE 20V ~ 40V 1.0 AMP Schottky Barrier Rectifiers
logo
TDK Electronics
SCS120PW12 TDK-SCS120PW12 Datasheet
219Kb / 1P
AC-DC Power Supplies
June 28, 2022
More results

Similar Description - SCS120P

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS160V SECOS-SCS160V Datasheet
185Kb / 2P
1.0 A, 60 V Schottky Barrier Rectifiers
SCS0520P SECOS-SCS0520P_09 Datasheet
273Kb / 2P
0.5 A, 20 V Schottky Barrier Rectifiers
SCS0520V SECOS-SCS0520V_09 Datasheet
383Kb / 2P
0.5 A, 20 V Schottky Barrier Rectifiers
SCS1100P SECOS-SCS1100P Datasheet
270Kb / 2P
1 A, 100 V Schottky Barrier Rectifiers
SCS1100V SECOS-SCS1100V Datasheet
269Kb / 2P
1 A, 100 V Schottky Barrier Rectifiers
SCS05100P SECOS-SCS05100P Datasheet
271Kb / 2P
0.5 A, 100 V Schottky Barrier Rectifiers
SCS05100V SECOS-SCS05100V Datasheet
268Kb / 2P
0.5 A, 100 V Schottky Barrier Rectifiers
SM220FL SECOS-SM220FL Datasheet
306Kb / 2P
Voltage 20 ~ 100 V 2.0 Amp Schottky Barrier Rectifiers
SCS0520LP SECOS-SCS0520LP_12 Datasheet
148Kb / 2P
0.5 A, 20 V Schottky Barrier Rectifiers
MSCD102 SECOS-MSCD102 Datasheet
177Kb / 3P
Voltage 20 V ~ 60 V 1.0 Amp Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com