Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SCS387S Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS387S
Description  High Speed Switching Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS387S Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS387S Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS387S Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individua
l
SCS387S
High Speed Switching Diodes
Small Package
Ele
0.8±0.05
CATHODE MARK
0.6±0.1
0.12±0.05
SOD-523
0.3±0.05
Dimensions in millimeters
Features
.
Elektronische Bauelemente
http://www.SeCoSGmbH.com
01-Jun-2002 Rev. A
Page 1 of 2
Marking: G
Maximum Ratings and Electrical Characteristics, Single Diode @TA=25 C
Parameter
Symbol
Limits
Unit
Peak reverse voltage
VRM
85
V
DC reverse voltage
VR
80
V
Peak forward current
IFM
200
mA
Mean rectifying current
IO
100
mA
Surge current (10ms)
Isurge
1000
mA
Junction temperature
Tj
125
Storage temperature
Tstg
-55-125
Electrical Ratings @TA=25℃
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
VF1
0.62
V
IF=1mA
VF2
0.75
V
IF=10mA
Forward voltage
VF3
1.2
V
IF=100mA
IR1
0.1
μ
A
VR=30V
Reverse current
IR2
0.5
μ
A
VR=80V
Capacitance between terminals
CT
3.0
pF
VR=0,f=1MHZ
Reverse recovery time
trr
4
ns
VR=6V,IF=10mA,RL=100Ω
o
C
o
C
o
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SCS387S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS387S SECOS-SCS387S_15 Datasheet
54Kb / 1P
Small Signal Switching Diode
More results

Similar Description - SCS387S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDH900 FAIRCHILD-FDH900 Datasheet
32Kb / 1P
High Speed Switching Diodes
logo
Jiangsu Changjiang Elec...
1SS404 JIANGSU-1SS404 Datasheet
61Kb / 2P
High Speed SWITCHING Diodes
1SS422 JIANGSU-1SS422 Datasheet
73Kb / 2P
High Speed SWITCHING Diodes
logo
SynSemi, Inc.
1N4531 SYNSEMI-1N4531 Datasheet
30Kb / 2P
HIGH SPEED SWITCHING DIODES
logo
Weitron Technology
BAS516 WEITRON-BAS516 Datasheet
225Kb / 4P
High Speed Switching Diodes
logo
EIC discrete Semiconduc...
BAW75 EIC-BAW75 Datasheet
35Kb / 2P
HIGH SPEED SWITCHING DIODES
logo
Shenzhen Jin Yu Semicon...
1SS388 HTSEMI-1SS388 Datasheet
235Kb / 2P
High Speed SWITCHING Diodes
logo
SeCoS Halbleitertechnol...
SCS422S SECOS-SCS422S_15 Datasheet
502Kb / 2P
High Speed Switching Diodes
logo
SHENZHEN YONGERJIA INDU...
1SS422 WINNERJOIN-1SS422_15 Datasheet
137Kb / 2P
High Speed SWITCHING Diodes
logo
NXP Semiconductors
BAV756S_BAW56 PHILIPS-BAV756S_BAW56_15 Datasheet
375Kb / 16P
High-speed switching diodes
Rev. 6-18 March 2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com