Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SCS0520P Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS0520P
Description  0.5 AMP Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS0520P Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS0520P Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS0520P Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SCS0520P THRU SCS05100P
VOLTAGE 20V ~ 100V
0.5 AMP Schottky Barrier Rectifiers
FEATURES
. High Current Capability
. Extremely Low Thermal Resistance
. For Surface Mount Application
. Higher Temp Soldering : 250
for 10 Seconds at Terminals
. Low Forward Voltage
MECHANICAL DATA
. Case: Molded Plastic
. Epoxy: UL 94V-0 Rate Flame Retardant
. Lead: Axial Leads, Solderable per MIL-STD-202,
Method 208 Guaranteed
. Polarity: Color Band Denotes Cathode End
. Mounting Position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25
ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
SCS0520P
SCS0530P
SCS0540P
SCS0560P
SCS0580P
SCS05100P
UNITS
Maximum Recurrent Peak Reverse Voltage
20
30
40
60
80
100
V
Working Peak Reverse Voltage
20
30
40
60
80
100
V
Maximum DC Blocking Voltage
20
30
40
60
80
100
V
Average Forward Current ( IF(AV) @ TJ =25
)
0.5
A
Peak Forward Current ( IFSM @ 8.3 ms Half Sine)
5.5
A
Maximum Instantaneous Forward Voltage
( VF @ IFM = 0.5 A , TA = 25
)
0.45
0.52
0.65
0.83
V
Maximum DC Reverse Current
At Rated DC Blocking Voltage ( IR @ TJ = 25
)
0.2
mA
Typical Junction Capacitance (CJ )
30
pF
Thermal Resistance - Junction to Ambient (Note 2)
210
Thermal Resistance - Junction to Lead (Note 2)
155
/W
Operating Temperature Range TJ
- 50 ~ + 125
Storage Temperature Range TSTG
- 65 ~ + 150
Marking Code
NOTES:
SCS0520P
BB
1. Measured at 1MHz and applied reverse voltage of 5.0V D.C.
SCS0530P
BH
2. 1 inch square pad size (1 x 0.5 inch for each lead) on FR4 board.
SCS0540P
BJ
SCS0560P
BS
SCS05100P
BT
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2007 Rev. D
Page 1 of 2
PACKAGE DIMENSIONS
SOD–123
PLASTIC PACKAGE
A
B
E
C
J
D
H
G
DIM
MIN
MAX
MIN
MAX
MILLMETERS
A
3.55
3.85
0.140
0.152
B
C
D
E
G
H
J
INCHES
------
1.25
------
0.049
1.40
1.80
0.550
0.071
2.55
2.85
0.100
0.112
0.30
0.78
0.120
0.031
0.15
------
0.006
-------
-----
0.25
-------
0.001
-----
0.15
-------
0.006
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SCS0520P

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS0520P SECOS-SCS0520P Datasheet
273Kb / 2P
0.5 A, 20 V Schottky Barrier Rectifiers
SCS0520P SECOS-SCS0520P Datasheet
273Kb / 2P
Schottky Barrier Rectifiers
SCS0520P-C SECOS-SCS0520P-C Datasheet
225Kb / 2P
Schottky Barrier Rectifiers
SCS0520P SECOS-SCS0520P_09 Datasheet
273Kb / 2P
0.5 A, 20 V Schottky Barrier Rectifiers
SCS0520P SECOS-SCS0520P_15 Datasheet
273Kb / 2P
Schottky Barrier Rectifiers
More results

Similar Description - SCS0520P

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CDLL6675 CDI-DIODE-CDLL6675 Datasheet
69Kb / 2P
0.2 & 0.5 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Microsemi Corporation
CDLL0.2A20 MICROSEMI-CDLL0.2A20 Datasheet
51Kb / 2P
0.2 & 0.5 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SR002 TSC-SR002 Datasheet
58Kb / 2P
0.5 AMP. Schottky Barrier Rectifiers
SR002 TSC-SR002_1 Datasheet
249Kb / 2P
0.5 AMP. Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
MSCD052 SECOS-MSCD052 Datasheet
261Kb / 2P
0.5 AMP Surface Mount Schottky Barrier Rectifiers
SCS0520V SECOS-SCS0520V Datasheet
199Kb / 2P
0.5 AMP Schottky Barrier Rectifiers
SCS0540LP SECOS-SCS0540LP Datasheet
202Kb / 2P
0.5 Amp Low VF Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SR002 TSC-SR002_10 Datasheet
534Kb / 2P
0.5 AMP. Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
MSCD052 SECOS-MSCD052_15 Datasheet
244Kb / 3P
0.5 Amp Surface Mount Schottky Barrier Rectifiers
logo
New Jersey Semi-Conduct...
1N6675 NJSEMI-1N6675 Datasheet
88Kb / 1P
0.2 AND 0.5 AMP SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com