Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST2N6520 Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # ST2N6520
Description  PNP Silicon Epitaxial Planar Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ST2N6520 Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  ST2N6520 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ST2N6520 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dated : 07/12/2002
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
ST 2N6520
Characteristics at Tamb=25
OC
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
at -VCE=10V, -IC=1mA
at -VCE=10V, -IC=10mA
at -VCE=10V, -IC=30mA
at -VCE=10V, -IC=50mA
at -VCE=10V, -IC=100mA
hFE
hFE
hFE
hFE
hFE
20
30
30
20
15
-
-
-
-
-
-
-
200
200
-
-
-
-
-
-
Collector Base Breakdown Voltage
at -IC=100μA
-BVCBO
350
-
-
V
Collector Emitter Breakdown Voltage
at -IC=1mA
-BVCEO
350
-
-
V
Emitter Base Breakdown Voltage
at -IE=10μA
-BVEBO
5
-
-
V
Collector Cutoff Current
at -VCB=250V
-ICBO
-
-
50
nA
Emitter Cutoff Current
at -VEB=4V
-IEBO
-
-
50
nA
Collector Base Capacitance
at -VCB=20V, f=1MHz
Ccb
-
-
6
pF
Emitter Base Capacitance
at –VEB=0.5V, f=1MHz
Ceb
-
-
100
pF
Base Emitter Saturation Voltage
at -IC=10mA, -IB=1mA
at -IC=20mA, -IB=2mA
at -IC=30mA, -IB=3mA
-VBE(sat)
-VBE(sat)
-VBE(sat)
-
-
-
-
-
-
0.75
0.85
0.9
V
V
V
Collector Emitter Saturation Voltage
at -IC=10mA, -IB=1mA
at -IC=20mA, -IB=2mA
at -IC=30mA, -IB=3mA
at -IC=50mA, -IB=5mA
-VCE(sat)
-VCE(sat)
-VCE(sat)
-VCE(sat)
-
-
-
-
-
-
-
-
0.3
0.35
0.5
1
V
V
V
V
Base Emitter On Voltage
at -VCE=10V, -IC=100mA
-VBE(on)
-
-
2
V
Current Gain Bandwidth Product
at -VCE=20V, -IC=10mA, f=20MHz
fT
40
-
200
MHz
Turn On Time
at -VBE(off)=2V, -VCC=100V
-IC=50mA, -IB1=10mA
ton
-
-
200
ns
Turn Off Time
at -VCC=100V, -IC=50mA, -IB1=-IB2=10mA
toff
-
-
3.5
ns



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com