Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SMBJ Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SMBJ
Description  600W Peak Power Surface Mount TVS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMBJ Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SMBJ Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMBJ Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMBJ Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMBJ Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Any changing of specification will not be informed individual
SMBJ SERIES
VOLTAGE 5.0V ~ 170V
600W Peak Power Surface Mount TVS
RATING AND CHARACTERISTIC CURVES (SMBJ SERIES)
FIG.1-PEAK PULSE POWER DERATING CURVE
0.1ms
1.0ms
10ms
100ms
1.0ms
10ms
0.1
1.0
10
100
td, PULSE WIDTH, sec.
Non-Repetitive
Pulse Waveform
Shown in Fig. 3
TA=25 C
FIG.2-PULSE DERATING CURVE
TA, AMBIENT TEMPERATURE ( C)
0
25
50
75
100
125
150
175
0
25
50
75
100
FIG.3-PULSE WAVE FORM
0
1.0
2.0
3.0
4.0
t, TIME, ms
0
50
100
150
td
e-kt
tf=10
us
Peak Value
IPPM
Half Value-IPPM
2
10/1000msec Waveform
as Defined by R.E.A.
TA=25 C
Pulse Width (td) is defined
as the point where the Peak
Current Deacys to 50% of Ipp
FIG.5-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
1
5
10
20
50
100
NUMBER OF CYCLES AT 60Hz
10
20
40
60
80
100
TJ=TJmax
8.3ms Single Half Sine-wave
JEDEC Method
5.0mm COPPER PAD AREAS
2
FIG.4-TYPICAL JUNCTION CAPACITANCE
1.0
2.0
5.0
10
20
50
100
200
V(BR), BREAKDOWN VOLTAGE, VOLTS
100
200
500
10
20
50
1,000
2,000
5,000
10,000
Measured at
Stand-Off
Voltage(VMW)
Measued at
Zero Bias
TJ=25 C
f=1.0MHz
Vsig=50mVp-p
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2002 Rev. A
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com