Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LS133 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # LS133
Description  SILICON EPITAXIAL PLANAR DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

LS133 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  LS133 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dated :12/01/2007
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
LS133
SILICON EPITAXIAL PLANAR DIODE
High speed switching diode
Features
• Glass sealed envelope
• High speed
• High reliability
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Peak Reverse Voltage
VRM
90
V
DC Reverse Voltage
VR
80
V
Mean Rectifying Current
Io
130
mA
Peak Forward Current
IFM
400
mA
Surge Current (1s)
Isurge
600
mA
Power Dissipation
Ptot
300
mW
Junction Temperature
Tj
175
O
C
Storage Temperature Range
Ts
- 65 to + 175
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Max.
Unit
Forward Voltage
at IF = 100 mA
VF
1.2
V
Reverse Current
at VR = 80 V
IR
0.5
µA
Capacitance Between Terminals
at VR = 0.5 V, f = 1 MHz
CT
2
pF
Reverse Recovery Time
at VR = 6 V, IF = 10 mA, RL = 50 Ω
trr
4
ns
LS-34
QuadroMELF
Dimensions in mm


Similar Part No. - LS133

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
LS13-LFR FRONTIER-LS13-LFR Datasheet
168Kb / 2P
1A SURFACE MOUNT LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIERS
logo
Micross Components
LS130 MICROSS-LS130 Datasheet
275Kb / 1P
Linear Systems replaces discontinued Intersil IT130
logo
Power-One
LS1301-7R POWER-ONE-LS1301-7R Datasheet
66Kb / 4P
100 Watt AC-DC Converters
logo
Micross Components
LS130A MICROSS-LS130A Datasheet
275Kb / 1P
Linear Systems replaces discontinued Intersil IT130A
LS130A_PDIP MICROSS-LS130A_PDIP Datasheet
275Kb / 1P
MONOLITHIC DUAL NPN TRANSISTOR
More results

Similar Description - LS133

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDS160E KEC-KDS160E Datasheet
88Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS355 BILIN-1SS355 Datasheet
209Kb / 3P
Silicon Epitaxial Planar Diode
Rev.A
BAS316 BILIN-BAS316 Datasheet
355Kb / 4P
Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
HSM2692 KEXIN-HSM2692 Datasheet
35Kb / 1P
Silicon Epitaxial Planar Diode
KDV262 KEXIN-KDV262 Datasheet
34Kb / 1P
Silicon Epitaxial Planar Diode
KDV287 KEXIN-KDV287 Datasheet
34Kb / 1P
Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
Silicon Epitaxial Planar Diode
MA2ZV02 KEXIN-MA2ZV02 Datasheet
33Kb / 1P
Silicon Epitaxial Planar Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com