Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CLC1001ASO8X Datasheet(PDF) 6 Page - Cadeka Microcircuits LLC.

Part # CLC1001ASO8X
Description  Ultra-Low Noise Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC1001ASO8X Datasheet(HTML) 6 Page - Cadeka Microcircuits LLC.

Back Button CLC1001ASO8X Datasheet HTML 2Page - Cadeka Microcircuits LLC. CLC1001ASO8X Datasheet HTML 3Page - Cadeka Microcircuits LLC. CLC1001ASO8X Datasheet HTML 4Page - Cadeka Microcircuits LLC. CLC1001ASO8X Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC1001ASO8X Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC1001ASO8X Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC1001ASO8X Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC1001ASO8X Datasheet HTML 9Page - Cadeka Microcircuits LLC. CLC1001ASO8X Datasheet HTML 10Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Data Sheet
©2007-2008 CADEKA Microcircuits LLC
www.cadeka.com
6
Typical Performance Characteristics
TA = 25°C, Vs = ±5V, Rf = 200Ω, RL = 500Ω, G = 10; unless otherwise noted.
Frequency Response vs. VOUT
-3dB Bandwidth vs. Output Voltage
Frequency Response vs. CL
Frequency Response vs. RL
Non-Inverting Frequency Response
Inverting Frequency Response
-9
-6
-3
0
3
0.1
1
10
100
1000
Frequency (MHz)
G = +10
G = +20
G = +40
VOUT = 0.2Vpp
-9
-6
-3
0
3
0.1
1
10
100
1000
Frequency (MHz)
G = -10
G = -20
G = -40
VOUT = 0.2Vpp
-9
-6
-3
0
3
0.1
1
10
100
1000
Frequency (MHz)
VOUT = 0.2Vpp
CL = 100pF
Rs = 13Ω
CL = 47pF
Rs = 20Ω
CL = 22pF
Rs = 33Ω
CL = 10pF
Rs = 43Ω
CL = 470pF
Rs = 4.3Ω
-9
-6
-3
0
3
0.1
1
10
100
1000
Frequency (MHz)
Rl = 1K
Rl = 2K
Rl = 5K
VOUT = 0.2Vpp
-7
-6
-5
-4
-3
-2
-1
0
1
0.1
1
10
100
1000
Frequency (MHz)
VOUT = 2Vpp
VOUT = 3Vpp
VOUT = 4Vpp
0
50
100
150
200
250
300
0.0
1.0
2.0
3.0
4.0
VOUT (VPP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com