Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPT50 Datasheet(PDF) 1 Page - Lumins Inc.

Part # SPT50
Description  Wall / post mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

SPT50 Datasheet(HTML) 1 Page - Lumins Inc.

  SPT50 Datasheet HTML 1Page - Lumins Inc. SPT50 Datasheet HTML 2Page - Lumins Inc. SPT50 Datasheet HTML 3Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
90
60
30
Separate updated technical
specification sheets with related
models and light sources with
I.E.S formatted photometry are
available on
www.luminis.com.
Photometry
Max. weight: 20 lbs.
E.P.A : 0.87
For other voltages, please
specify with catalog number.
Specification
SPARTACUS
LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309
Tel: 954 .717 .4155
Fax: 954
. 717.4157
Web: www.luminis.com
LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5
Sept. 2006 Rev. Feb.2007
Toll free: 888 .401 .6999
UL. Wet Location.
Certification
(Lamps by others)
Light source selection
Model#
Voltage
Finish
Options
SPT50
Mounting / E.P.A
luminaires may be altered for design improvements or discontinued without prior notice.
Standard selection
WHT:Snow white
BKT: Jet black
BZT: Bronze
GRT: Titanium gray
DGT: Gun metal
CHT: Champagne
MST: Matte silver
GNT: Forest green
Optional colors
CS: Custom color
RAL: RAL# color
MH (ED17)
M70
M100
M150
M175
HPS (ED17)
H70
H100
H150
CF (Gx24q)
Single lamp
F132
F142
F157
F170
120 V Standard factory
prewired
(If no voltage is specified)
208 V
240 V
277 V
347 V
480 V
347 V (To specify)
Smart ballast 120/277
H.I.D.
COMP. FLUO.
SPT50
F226
F232
F242
F257
F270
CF (Gx24q)
Single lamp
Mounting
All exposed cast aluminum components are made of non corrosive
pure aluminum copper free (Aluminum is less than .1% copper
content.#356 alloy.)
Finish: All polyester powder baked coatings preceded with
a 5 baths preparation process. Meets military grade
MIL-C781706 with a 2000 hours salt spray test.
- Pulse rated medium base porcelain socket.
- 75W/600V thermoplastic compact fluorescent socket.
- One-piece molded silicone gasket with memory retention.
- High power factor CWA ballast. Or 98% P.F.electronic smart
ballast with end of life detection for compact fluorescent.
- All stainless steel hardware.
- All Moving and removable parts are sealed with a
memory retention silicone gasket.
- Cast aluminum swing out hinge mechanism for quick
maintenance access.
1 - Cast aluminum removable gasketed top for quick and ease
of ballast servicing.
2 - Extruded aluminum 6” dia. tubular ballast housing.
3 - 1/2” dia. solid aluminum satin anodized and clear lacquered struts.
4 - Semi-specular aluminum reflector.
5- High impact frosted acrylic lens diffuser.
6 - Cast aluminum sealed cage with horizontal and vertical ribs.
6”
28 1/2”
Note:
SPT50 series is a modular
luminaire offered with an array of
standard attachments to meet
multiple installation
requirements. Please specify
desired mounting accessory with
model number. (See page 116)
Accessories
SH:
23” dia. full light cut
off shade.
Electrical
FS:
Fuse
PH1:
120/277V photo cell
PH2:
347V photo cell
L U M I
I
N S
1
1
2
3
4
5
6
2
ACA5
ACW5
APA1
APC1
APS1
S
T
W
Page
114
For options details and
specifications, please refer
to pages 115.116 & 72
Wall mount.
SPT50-SH


Similar Part No. - SPT50

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPT5006 SSDI-SPT5006 Datasheet
82Kb / 2P
10 AMPS 100 Volts High Power - High Speed NPN Transistors
SPT5006MDB SSDI-SPT5006MDB Datasheet
82Kb / 2P
10 AMPS 100 Volts High Power - High Speed NPN Transistors
SPT5006MDBS SSDI-SPT5006MDBS Datasheet
82Kb / 2P
10 AMPS 100 Volts High Power - High Speed NPN Transistors
SPT5006MDBTX SSDI-SPT5006MDBTX Datasheet
82Kb / 2P
10 AMPS 100 Volts High Power - High Speed NPN Transistors
SPT5006MDBTXV SSDI-SPT5006MDBTXV Datasheet
82Kb / 2P
10 AMPS 100 Volts High Power - High Speed NPN Transistors
More results

Similar Description - SPT50

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
W820 LUMINIS-W820 Datasheet
110Kb / 2P
Post top mount
W614 LUMINIS-W614 Datasheet
191Kb / 4P
Post top mount
W708 LUMINIS-W708 Datasheet
188Kb / 4P
Post top mount
W722 LUMINIS-W722 Datasheet
198Kb / 4P
Post top mount
W766 LUMINIS-W766 Datasheet
196Kb / 4P
Post top mount
SPT20P LUMINIS-SPT20P Datasheet
204Kb / 3P
Wall / post mount
SPT25 LUMINIS-SPT25 Datasheet
211Kb / 3P
Wall / post mount
SPT25P LUMINIS-SPT25P Datasheet
211Kb / 3P
Wall / post mount
logo
Tripp Lite. All Rights ...
2POSTRMKITWM TRIPPLITE-2POSTRMKITWM Datasheet
479Kb / 2P
2-Post Rack-Mount or Wall-Mount Adapter Kit for select Rack-Mount UPS Systems
4POSTRAILKITWM TRIPPLITE-4POSTRAILKITWM Datasheet
165Kb / 2P
4-Post 1U Universal Adjustable Rack-Mount Shelf Kit for Wall-Mount Racks
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com