Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TR15 Datasheet(PDF) 2 Page - Lumins Inc.

Part # TR15
Description  Ceiling mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

TR15 Datasheet(HTML) 2 Page - Lumins Inc.

  TR15 Datasheet HTML 1Page - Lumins Inc. TR15 Datasheet HTML 2Page - Lumins Inc. TR15 Datasheet HTML 3Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
L U M I
I
N S
APC3 -EPA: 0.12
1” X 3” extruded aluminum side pole mounting adaptor.
Fits with 4” O.D. pole.
-P
Post top mounting adaptor fits with 4” o.d.x 3 3/4” I.D.pole.
-T3
1” x 3” extruded aluminum wall mounting straight adaptor with
cast aluminum cover and galvanized steel mounting plate.
ACA6 -EPA: 0.8
1” X 3” extruded aluminum side pole arm mount. 4” O.D X 30” lg.
post top adaptor with a cast aluminum tenon to fit with a 3 3/4” I.D.
pole. 1/2” dia. stainless steel rod support. Extruded arm and all
other parts are painted same color as Luminaire.
ACW6- Wall mount version with independent cast aluminum
mounting plates.
30”
25 1/2”
30”
APC3
Side pole
mount
Typical luminaire
Typical luminaire
ACA6
Side pole
mount
extender
ACAW
Wall mount
extender
Power supply
17 3/4”
ACA6
ACW6
LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309
Tel: 954 .717 .4155
Fax: 954
. 717.4157
Web: www.luminis.com
LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5
Sept. 2006 Rev. June.2007
Toll free: 888 .401 .6999
Luminaires may be altered for improvements or discontinued without prior notice.
TORCH
26”
-P
Post top
mount
Typical luminaire
36”
Attachment accessories
10”
-T3: Wall
mount
5 1/8”
4 5/8”
3”
Page
136
5 5/8”



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com