Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST60P Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # ST60P
Description  SILICON SCHOTTKY BARRIER DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ST60P Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  ST60P Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dated : 23/06/2007
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
~
~
~
output
Input 2Vrms
Rectification Efficiency Measurement Circuit
ST60P, ST60S
SILICON SCHOTTKY BARRIER DIODE
Characteristics equivalent to
1N60P and 1N60S
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Peak Reverse Voltage
VRM
45
V
Reverse Voltage
VR
20
V
Average Rectified Output Current
IO
50
mA
Peak Forward Current
IFM
150
mA
Surge Forward Current
Isurge
500
mA
Junction Temperature
Tj
175
O
C
Storage Temperature Range
TS
- 55 to + 175
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Max.
Unit
Forward Current
at VF = 1 V
IF
4
-
mA
Reverse Current
at VR = 10 V
ST60P
ST60S
IR
-
-
50
100
µA
Junction Capacitance
at f = 1 MHz, V = -1 V
C
-
1
pF
Rectification efficiency
at Vi = 2 Vrms, R = 5 KΩ, C = 20 pF, f = 40 MHz
η
55
-
%
R5 max
10.0± 1.0
1.0 max
3.9 max
Dimensions in mm
Glass case DO-35-1
Max. 3.9
Max. 1.9
Glass Case DO-35
Max. 0.5
Min. 27.5
Min. 27.5
XXX
Cathode Band
Part No.
ST
"ST" Brand
Dimensions in mm
Black
Black
Black


Similar Part No. - ST60P

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ST60P SEMTECH-ST60P Datasheet
52Kb / 1P
SILICON SCHOTTKY BARRIER DIODE
More results

Similar Description - ST60P

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HSB226YP HITACHI-HSB226YP Datasheet
23Kb / 5P
Silicon Schottky Barrier Diode
E208931_HSC278 HITACHI-E208931_HSC278 Datasheet
71Kb / 7P
Silicon Schottky Barrier Diode
logo
Guangdong Kexin Industr...
HRW0503A KEXIN-HRW0503A Datasheet
34Kb / 1P
Silicon Schottky Barrier Diode
HSM88WA KEXIN-HSM88WA Datasheet
34Kb / 1P
Silicon Schottky Barrier Diode
HSM276S KEXIN-HSM276S Datasheet
36Kb / 1P
Silicon Schottky Barrier Diode
logo
Sanken electric
FMB-24 SANKEN-FMB-24_11 Datasheet
196Kb / 5P
Silicon Schottky Barrier Diode
FMW-2204 SANKEN-FMW-2204 Datasheet
251Kb / 5P
Silicon Schottky Barrier Diode
FMW-4306 SANKEN-FMW-4306 Datasheet
181Kb / 5P
Silicon Schottky Barrier Diode
FMW-24L SANKEN-FMW-24L Datasheet
228Kb / 5P
Silicon Schottky Barrier Diode
RK36 SANKEN-RK36 Datasheet
142Kb / 5P
Silicon Schottky Barrier Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com