Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BC807 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # BC807
Description  PNP Silicon Epitaxial Planar Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BC807 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  BC807 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BC807 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 19/12/2006
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
BC807 / BC808
PNP Silicon Epitaxial Planar Transistors
for switching, AF driver and amplifier applications
These transistors are subdivided into three groups
-16, -25 and -40, according to their current gain.
As complementary types the NPN transistors BC817
and BC818 are recommended.
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Collector Base Voltage
BC807
BC808
-VCBO
50
30
V
Collector Emitter Voltage
BC807
BC808
-VCEO
45
25
V
Emitter Base Voltage
-VEBO
5
V
Collector Current
-IC
500
mA
Power Dissipation
Ptot
200
mW
Thermal Resistance Junction to Ambient Air
RθJA
500
K/W
Junction Temperature
TJ
150
O
C
Storage Temperature Range
TS
- 55 to + 150
O
C
Electrical Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
at -VCE = 1 V, -IC = 100 mA
Current Gain Group
at -VCE = 1 V, -IC = 500 mA
-16
-25
-40
hFE
hFE
hFE
hFE
100
160
250
40
-
-
-
-
250
400
600
-
-
-
-
-
Collector Base Cutoff Current
at -VCB = 20 V
-ICBO
-
-
100
nA
Emitter-Base Cutoff Current
at -VEB = 5 V
-IEBO
-
-
100
nA
Collector Saturation Voltage
at -IC = 500 mA, -IB = 50 mA
-VCEsat
-
-
0.7
V
Base-Emitter Voltage
at -IC = 500 mA, -VCE = 1 V
-VBE(on)
-
-
1.2
V
Gain -Bandwidth Product
at -VCE = 5 V, -IC = 10 mA, f = 50 MHz
fT
80
-
-
MHz
Collector-Base Capacitance
at -VCB = 10 V, f = 1 MHz
CCBO
-
9
-
pF
SOT-23 Plastic Package


Similar Part No. - BC807

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC807 PHILIPS-BC807 Datasheet
47Kb / 8P
PNP general purpose transistor
1999 Apr 08
logo
Transys Electronics
BC807 TRSYS-BC807 Datasheet
303Kb / 2P
PNP SURFACE MOUNT TRANSISTOR
logo
Zetex Semiconductors
BC807 ZETEX-BC807 Datasheet
36Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Siemens Semiconductor G...
BC807 SIEMENS-BC807 Datasheet
131Kb / 5P
PNP Silicon AF Transistors (For general AF applications High collector current High current gain)
logo
Fairchild Semiconductor
BC807 FAIRCHILD-BC807 Datasheet
72Kb / 6P
Switching and Amplifier Applications
More results

Similar Description - BC807

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSA673 CDIL-CSA673 Datasheet
101Kb / 3P
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Guangdong Kexin Industr...
2SA1813 KEXIN-2SA1813 Datasheet
46Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SA1252 KEXIN-2SA1252 Datasheet
38Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SB1120 KEXIN-2SB1120 Datasheet
51Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SB1302 KEXIN-2SB1302 Datasheet
58Kb / 2P
PNP Epitaxial Planar Silicon Transistors
2SB1323 KEXIN-2SB1323 Datasheet
55Kb / 2P
PNP Epitaxial Planar Silicon Transistors
2SA1745 KEXIN-2SA1745 Datasheet
46Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SA1607 KEXIN-2SA1607 Datasheet
39Kb / 2P
PNP Epitaxial Planar Silicon Transistors
2SA1179 KEXIN-2SA1179 Datasheet
37Kb / 1P
PNP Epitaxial Planar Silicon Transistors
logo
Dongguan Pingjingsemi T...
BC807 PJSEMI-BC807 Datasheet
657Kb / 3P
PNP Silicon Epitaxial Planar Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com