Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MMBD142W Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # MMBD142W
Description  SILICON EPITAXIAL PLANAR SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

MMBD142W Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  MMBD142W Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. MMBD142W Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 17/10/2007
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
MMBD142W
SILICON EPITAXIAL PLANAR SWITCHING DIODE
Applications
• for switching circuits
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Peak Reverse Voltage
VRM
80
V
Reverse Voltage
VR
80
V
Forward Current
IF
100
mA
Peak Forward Current
IFM
225
mA
Non-repetitive Peak Forward Surge Current (t = 1 s)
IFSM
500
mA
Junction Temperature
TJ
150
O
C
Storage Temperature Range
Ts
- 55 to + 150
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Max.
Unit
Forward Voltage
at IF = 100 mA
VF
-
1.2
V
Reverse Current
at VR = 75 V
IR
-
0.1
µA
Reverse Voltage
at IR = 100 µA
VR
80
-
V
Terminal Capacitance
at VR = 0, f = 1 MHz
Ct
-
15
pF
Reverse Recovery Time
at IF = 10 mA, VR = 6 V, Irr = 0.1 • IR, RL = 100 Ω
trr
-
10
ns
Marking Code: D3
2
1
3


Similar Part No. - MMBD142W

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
MMBD1401 JGD-MMBD1401 Datasheet
96Kb / 1P
SURFACE MOUNT SWITCHING DIODES
logo
Fairchild Semiconductor
MMBD1401 FAIRCHILD-MMBD1401 Datasheet
39Kb / 5P
High Voltage General Purpose Diode
MMBD1401 FAIRCHILD-MMBD1401 Datasheet
57Kb / 2P
Small Signal Diodes
MMBD1401A FAIRCHILD-MMBD1401A Datasheet
63Kb / 5P
High Voltage General Purpose Diode
logo
ON Semiconductor
MMBD1401ALT1G ONSEMI-MMBD1401ALT1G Datasheet
164Kb / 5P
Dual Series High Voltage Switching Diode
September, 2020 ??Rev. P0
More results

Similar Description - MMBD142W

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
BAV70W SEMTECH_ELEC-BAV70W Datasheet
287Kb / 2P
SILICON EPITAXIAL PLANAR SWITCHING DIODE
logo
Zowie Technology Corpor...
1N4148WSGH ZOWIE-1N4148WSGH_11 Datasheet
140Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
Olitech Electronics Co....
BAS35 OLITECH-BAS35 Datasheet
515Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
Nanjing International G...
MMBD914 DGNJDZ-MMBD914 Datasheet
277Kb / 2P
Silicon Epitaxial Planar Switching Diode
MMBD4148 DGNJDZ-MMBD4148 Datasheet
98Kb / 2P
Silicon Epitaxial Planar Switching Diode
logo
Dongguan Pingjingsemi T...
1SS355 PJSEMI-1SS355 Datasheet
407Kb / 3P
Silicon Epitaxial Planar Switching Diode
MMBD7000 PJSEMI-MMBD7000 Datasheet
590Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
DONGGUAN YOU FENG WEI E...
BAV70DW YFWDIODE-BAV70DW Datasheet
342Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
SHIKUES Electronics
1SS352 SKTECHNOLGY-1SS352 Datasheet
398Kb / 3P
Silicon Epitaxial Planar Switching Diode
KDS160 SKTECHNOLGY-KDS160 Datasheet
1Mb / 3P
Silicon Epitaxial Planar Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com