Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RFMA2124-2W-P3 Datasheet(PDF) 1 Page - Excelics Semiconductor, Inc.

Part # RFMA2124-2W-P3
Description  21.2 - 23.6 GHz Power Amplifier MMIC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

RFMA2124-2W-P3 Datasheet(HTML) 1 Page - Excelics Semiconductor, Inc.

  RFMA2124-2W-P3 Datasheet HTML 1Page - Excelics Semiconductor, Inc. RFMA2124-2W-P3 Datasheet HTML 2Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RFMA2124-2W-P3
UPDATED: 01/09/2007
21.2 – 23.6 GHz Power Amplifier MMIC
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
page 1 of 2
Phone: 408-737-1711
Fax: 408-737-1868 Web: www.excelics.com
Revised January 2007
RFMA2124
Vg
RF IN
-2W-P3
Vg
Excelics
RF OUT
Vd
Vd
FEATURES
21.2– 23.6GHz Operating Frequency Range
31.0dBm Output Power at 1dB Compression
22dB Typical Power Gain @ 1dB Gain Compression
-39dBc Typical OIM3 @ each tone Pout 20dBm
APPLICATIONS
Point-to-point and point-to-multipoint radio
Military Radar Systems
Caution! ESD sensitive device.
ELECTRICAL CHARACTERISTICS (Ta = 25 °C, 50 ohm, Vdd=7V, Vgg=-5V)
SYMBOL
PARAMETER/TEST CONDITIONS
MIN
TYP
MAX
UNITS
F
Operating Frequency Range
21.2
23.6
GHz
P1dB
Output Power at 1dB Gain Compression
30.0
31.0
dBm
G1dB
Gain @ 1dB gain compression
18.0
22.0
dB
OIMD3
Output 3
rd Order Intermodulation Distortion
@∆f=10MHz, Each Tone Pout 20dBm
-39
-36
dBc
Input RL
Input Return Loss
-10
dB
Output RL
Output Return Loss
-15
-10
dB
Idd
Drain Current
1700
2300
mA
Vdd
Drain Voltage
7
8
V
Vgg
Gate Voltage
-5
V
Rth
Thermal Resistance (Au-Sn Eutectic Attach)
4.0
4.5
oC/W
Tb
Operating Base Plate Temperature
-30
+80
ºC
MAXIMUM RATINGS @25°C
SYMBOL
CHARACTERISTIC
ABSOLUTE
CONTINUOUS
1,2
VDD
Drain Supply Voltage
12V
8V
VGG
Gate Supply Voltage
-8V
-3V
IDD
Drain Current
Idss
3.6A
PIN
Input Power
20dBm
@ 3dB compression
TCH
Channel Temperature
175°C
150°C
TSTG
Storage Temperature
-65/175°C
-65/150°C
PT
Total Power Dissipation
30.0W
25.2W
1. Operating the device beyond any of the above rating may result in permanent damage.
2. Bias conditions must also satisfy the following equation Vdd*Idd < (TCH –Tb)/RTH; where Tb = operating base plate temperature
-2W-P3


Similar Part No. - RFMA2124-2W-P3

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
RFMA2124-0.5W EXCELICS-RFMA2124-0.5W Datasheet
93Kb / 2P
21.2 - 23.6 GHz Power Amplifier MMIC
RFMA2124-1W EXCELICS-RFMA2124-1W Datasheet
96Kb / 3P
21.2 - 23.6 GHz Power Amplifier MMIC
More results

Similar Description - RFMA2124-2W-P3

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
DRR1-23XX HP-DRR1-23XX Datasheet
61Kb / 4P
Digital Radio Receiver Down Converter Modules for 21.2 to 23.6 GHz
DRT1-23XX HP-DRT1-23XX Datasheet
59Kb / 4P
Digital Radio Transmitter Modules for 21.2 to 23.6 GHz
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5023 AVAGO-AMMC-5023 Datasheet
271Kb / 9P
23 GHz Low Noise Amplifier (21.2-26.5 GHz)
logo
Excelics Semiconductor,...
RFMA2124-1W EXCELICS-RFMA2124-1W Datasheet
96Kb / 3P
21.2 - 23.6 GHz Power Amplifier MMIC
RFMA2124-0.5W EXCELICS-RFMA2124-0.5W Datasheet
93Kb / 2P
21.2 - 23.6 GHz Power Amplifier MMIC
logo
Hittite Microwave Corpo...
HMC711LC5 HITTITE-HMC711LC5_10 Datasheet
430Kb / 14P
GaAs MMIC SUB-HARMONIC UPCONVERTER, 17.7 - 23.6 GHz
HMC711LC5_1005 HITTITE-HMC711LC5_1005 Datasheet
791Kb / 14P
GaAs MMIC SUB-HARMONIC UPCONVERTER, 17.7 - 23.6 GHz
HMC819LCS HITTITE-HMC819LCS Datasheet
1Mb / 16P
GaAs MMIC I/Q UPCONVERTER 17.7 - 23.6 GHz
logo
United Monolithic Semic...
CHA6356-QXG UMS-CHA6356-QXG_15 Datasheet
657Kb / 16P
21.2 - 23.6GHz Power Amplifier
logo
Qorvo, Inc
TGA4549-SM QORVO-TGA4549-SM Datasheet
1Mb / 17P
21.2 ??23.6 GHz 10 W GaN Power Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com