Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

OLM01T0PS2D Datasheet(PDF) 3 Page - Sensortechnics GmbH

Part # OLM01T0PS2D
Description  High performance optical liquid level switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

OLM01T0PS2D Datasheet(HTML) 3 Page - Sensortechnics GmbH

  OLM01T0PS2D Datasheet HTML 1Page - Sensortechnics GmbH OLM01T0PS2D Datasheet HTML 2Page - Sensortechnics GmbH OLM01T0PS2D Datasheet HTML 3Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
OLM Series
High performance optical liquid level switches
3/3
E / 11636 / A
www.sensortechnics.com
OUTLINE DRAWING
mass: approx. 115 g
dimensions in mm
ORDERING INFORMATION
s
e
i
r
e
S
t
u
p
t
u
O
l
a
i
r
e
t
a
m
p
i
T
e
p
y
t
g
n
i
s
u
o
H
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
a
n
i
m
r
e
T
t
n
e
r
r
u
C
e
p
y
T
n
o
i
t
c
n
u
F
s
n
o
i
t
p
OM
L
O
1
0T
A
m
0
1L
T
T
e
l
b
i
t
a
p
m
o
c
0
w
o
L
r
i
a
n
i
P
-
l
u
s
y
l
o
P
e
n
o
h
p
S
2
/
1
G
)
P
S
B
(
2
C
°
0
8
.
.
.
5
2
-
D
1
x
2
1
M
)
7
6
P
I
(
U
0
8
A
m
0
0
8ll
u
P
-
h
s
u
P
1
h
g
i
H
r
i
a
n
i
T
T
P
N
2
/
1
*
4
C
°
5
2
1
.
.
.
0
4
-
M
m
3
,
e
l
b
a
C
)
7
6
P
I
(
r
o
f
e
l
b
a
l
i
a
v
a
t
o
n
*
s
n
o
i
s
r
e
v
.
.
.
0
T
1
0
.
.
.
:
e
l
p
m
a
x
E
M
L
O
U
0
8
0
P
S
2
D
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the
application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.
Note: Custom specific options are widely available!
Please contact your nearest Sensortechnics sales office for further information.
22.4
57.4
72.9
24
M12 connector
M12 connector
G 1/2 (BSP) or
1/2 NPT thread
53.50
38
3
24
G 1/2 (BSP) or
1/2 NPT thread
3-core 22 AWG wire



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com