Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2N3055 Datasheet(PDF) 4 Page - Motorola, Inc

Part # 2N3055
Description  15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 120 VOLTS 115, 180 WATTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

2N3055 Datasheet(HTML) 4 Page - Motorola, Inc

  2N3055 Datasheet HTML 1Page - Motorola, Inc 2N3055 Datasheet HTML 2Page - Motorola, Inc 2N3055 Datasheet HTML 3Page - Motorola, Inc 2N3055 Datasheet HTML 4Page - Motorola, Inc 2N3055 Datasheet HTML 5Page - Motorola, Inc 2N3055 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2N3055A MJ15015 MJ2955A MJ15016
4
Motorola Bipolar Power Transistor Device Data
10
0.2
Figure 8. Turn–Off Times
IC, COLLECTOR CURRENT (AMPS)
7
5
3
2
0.1
0.5
0.1
0.3
0.5 0.7
1
3
5
15
VCC = 30
IC/IB = 10
IB1 = IB2
TJ = 25°C
0.3
tf
ts
2
0.7
0.2
7
10
400
1.0
Figure 9. Capacitances
VR, REVERSE VOLTAGE (VOLTS)
20
20
50
100
200
500 1000
2.0
5.0
10
200
100
50
30
TJ = 25°C
Cib
Cob
2N3055A
MJ15015
MJ2955A
MJ15016
COLLECTOR CUT–OFF REGION
10,000
+ 0.2
Figure 10. 2N3055A, MJ15015
VBE, BASE–EMITTER VOLTAGE (VOLTS)
1000
100
10
1.0
0.1
0.01
+ 0.1
0
– 0.1
– 0.2
– 0.3
– 0.4
– 0.5
VCE = 30 V
TJ = 150°C
100
°C
25
°C
REVERSE
FORWARD
IC = ICES
NPN
1000
– 0.2
Figure 11. MJ2955A, MJ15016
VBE, BASE–EMITTER VOLTAGE (VOLTS)
100
10
1.0
0.1
0.01
0.001
– 0.1
0
+ 0.1
+ 0.2
+ 0.3
VCE = 30 V
TJ = 150°C
100
°C
25
°C
REVERSE
FORWARD
IC = ICES
PNP
+ 0.4
+ 0.5
20
Figure 12. Forward Bias Safe Operating Area
2N3055A, MJ2955A
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
10
5
1
10
20
100
60
2
dc
30
µs
1 ms
100
µs
100 ms
20
Figure 13. Forward Bias Safe Operating Area
MJ15015, MJ15016
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
10
5.0
0.2
15
20
100
60
2.0
dc
0.1 ms
100 ms
BONDING WIRE LIMIT
THERMAL LIMIT @ TC = 25°C
(SINGLE PULSE)
SECOND BREAKDOWN LIMIT
1.0
0.5
30
120
1.0 ms
BONDING WIRE LIMIT
THERMAL LIMIT @ TC = 25°C
(SINGLE PULSE)
SECOND BREAKDOWN LIMIT
There are two limitations on the power handling ability of a
transistor: average junction temperature and second break-
down. Safe Operating area curves indicate IC – VCE limits of
the transistor that must be observed for reliable operation;
i.e., the transistor must not be subjected to greater dissipa-
tion than the curves indicate.
The data of Figures 12 and 13 is based on TC = 25_C;
TJ(pk) is variable depending on power level. Second break-
down pulse limits are valid for duty cycles to 10% but must be
derated for temperature according to Figure 1.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com