Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SDI565047-R12F Datasheet(PDF) 5 Page - Superworld Electronics

Part # SDI565047-R12F
Description  WIREWOUND CHIP INDUCTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDI565047-R12F Datasheet(HTML) 5 Page - Superworld Electronics

  SDI565047-R12F Datasheet HTML 1Page - Superworld Electronics SDI565047-R12F Datasheet HTML 2Page - Superworld Electronics SDI565047-R12F Datasheet HTML 3Page - Superworld Electronics SDI565047-R12F Datasheet HTML 4Page - Superworld Electronics SDI565047-R12F Datasheet HTML 5Page - Superworld Electronics SDI565047-R12F Datasheet HTML 6Page - Superworld Electronics SDI565047-R12F Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Gradual Cooling
Within 3secs.
Figure 2. Wave Soldering
SUPERWORLD ELECTRONICS (S) PTE LTD
Figure 1. Re-flow Soldering
Within 10secs.
Over
1min.
NOTE : Specifications subject to change without notice. Please check our website for latest information.
Over
1min.
Over 1min.
Within 3secs.
Figure 3. Hand Soldering
Gradual Cooling
Soldering
Preheating
230
150
280
Gradual Cooling
Natural
cooling
Over 2mins.
PG. 5
31.07.2008
wave and re-flow soldering systems. If hand soldering cannot be avoided, the preferred technique is the utilization of hot
by the difference in coefficients of expansion between solder, chip and substrate. Our terminations are suitable for all
Mildly activated rosin fluxes are preferred. The minimum amount of solder can lead to damage from the stresses caused
products, wave soldering of large size products is discouraged. Recommended temperature profile for wave soldering
seen by the circuit when immersed in the molten solder wave, typical at 240°C. Due to the risk of thermal damage to
Wave soldering is perhaps the most rigorous of surface mount soldering processes due to the steep rise in temperature
Products attachment with soldering iron is discouraged due to the inherent process control limitations. In the event that
is shown in Figure 2.
Soldering
a soldering iron must be employed the following precautions are recommended.
7-2.3 Soldering Iron (Figure 2) :
Note :
230
150
Preheating
c) Never contact the ceramic with the iron tip
e) Use a 20 watt soldering iron with tip diameter of 1.0mm
cooling
Natural
f) Limit soldering time to 3 secs.
d) 1.0mm tip diameter (max)
230
250
150
Preheating
Soldering
b) 280°C tip temperature (max)
a) Preheat circuit and products to 150°C.
7-2.2 Solder Wave :
Recommended temperature profiles for re-flow soldering in Figure 1.
7-2.1 Solder Re-flow :
air soldering tools.
7-2. Soldering
Natural
cooling
7-1. Recommended PC Board Pattern
7. SOLDERING AND MOUNTING :
3.00
2.00
3.00
SDI565047 SERIES
WIREWOUND CHIP INDUCTORS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com