Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CSS-1015M9 Datasheet(PDF) 4 Page - China Semiconductor Corporation

Part # CSS-1015M9
Description  1.0 Inch Single Digit Display
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CSS-1015M9 Datasheet(HTML) 4 Page - China Semiconductor Corporation

  CSS-1015M9 Datasheet HTML 1Page - China Semiconductor Corporation CSS-1015M9 Datasheet HTML 2Page - China Semiconductor Corporation CSS-1015M9 Datasheet HTML 3Page - China Semiconductor Corporation CSS-1015M9 Datasheet HTML 4Page - China Semiconductor Corporation CSS-1015M9 Datasheet HTML 5Page - China Semiconductor Corporation CSS-1015M9 Datasheet HTML 6Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Electro-optical Characteristics -
(Ta=25 )
Symbol
Min.
Typ.
Max.
Unit
Condition
VF
-
4.2(2.1)
5.6(2.8)
V
IF=20mA
Iv
-
15000
-
ucd
IF=10mA
P
-
572
-
nm
IF=20mA
e
-
570
-
nm
IF=20mA
-
20
-
nm
IF=20mA
JS
-
-
100
A
VR=10V
IV-m
-
-
2:1
.
IF=10mA
Page
3/5
Dominant Wavelength
A
PS-ND-0711
Forward Voltage Per
Segment(DP)
Luminous Intensity
Per Segment
Peak Emission
Wavelength
http://www.csctw.com.tw
Model No CSS-1014M9/1015M9
Spectrum Radiation
Bandwidth
Parameter
Reverse Current
Luminous Intensity
Matching Ratio



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com