Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CTUP3B Datasheet(PDF) 1 Page - Central Technologies

Part # CTUP3B
Description  Power Inductors - Unshielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTUP3B Datasheet(HTML) 1 Page - Central Technologies

  CTUP3B Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Unshielded
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2005 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
02.11.05
SPECIFICATIONS
Parts are available in ±20% tolerance only.
CTUP3BF Please specify “F” for RoHS Compliant
L Test
DCR
Rated DC
Part
Inductance
Freq.
Max.
Current
Number
(µH)
(kHz)
(m
Ω)
(A)
CTUP3B_-0R47
.47
100
2.50
25.1
CTUP3B_-1R0
1.0
100
4.30
15.3
CTUP3B_-1R5
1.5
100
5.90
12.0
CTUP3B_-2R2
2.2
100
7.50
10.2
CTUP3B_-2R8
2.8
100
10.3
9.30
CTUP3B_-4R7
4.7
100
15.0
7.70
CTUP3B_-6R8
6.8
100
22.0
6.20
CTUP3B_-100
10
100
27.0
5.20
CTUP3B_-150
15
100
45.0
4.30
CTUP3B_-220
22
100
63.0
3.70
CTUP3B_-330
33
100
102.0
3.00
CTUP3B_-470
47
100
132.0
2.40
CTUP3B_-680
68
100
185.0
2.00
CTUP3B_-101
100
100
265.0
1.80
CTUP3B Series
From 0.47 µH to 100 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD power inductor
Applications: DC/DC converters, computers, LCD displays,
telecommunication equipment and PDA palm tops.
Operating Temperature: -30°C to +100°C
Inductance Tolerance: ±20%
Testing: Inductance is tested on an HP4285A at 100 kHz
Packaging: Tape & Reel
Marking: Inductance code
Miscellaneous: RoHS Compliant available
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PAD LAYOUT
4.0
Unit: mm
13.0
PHYSICAL DIMENSIONS
A
XXX
Marking
(Inductance Code)
B
D
C
Size
A
B
C
D
Max.
Max.
Max.
mm
13.3
12.7
6.9
19.5
inches
0.524
0.500
0.272
0.768
RoHS
Compliant
Available


Similar Part No. - CTUP3B

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTUP3BF CT-CTUP3BF Datasheet
122Kb / 1P
Power Inductors - Unshielded
REV 05.22.17
CTUP3BF-0R47 CT-CTUP3BF-0R47 Datasheet
122Kb / 1P
Power Inductors - Unshielded
REV 05.22.17
CTUP3BF-100 CT-CTUP3BF-100 Datasheet
122Kb / 1P
Power Inductors - Unshielded
REV 05.22.17
CTUP3BF-101 CT-CTUP3BF-101 Datasheet
122Kb / 1P
Power Inductors - Unshielded
REV 05.22.17
CTUP3BF-150 CT-CTUP3BF-150 Datasheet
122Kb / 1P
Power Inductors - Unshielded
REV 05.22.17
More results

Similar Description - CTUP3B

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCR54F CT-CTCR54F Datasheet
188Kb / 1P
Power Inductors - Unshielded
CTDO3306 CT-CTDO3306 Datasheet
140Kb / 1P
Power Inductors - Unshielded
CTDO3316HC CT-CTDO3316HC Datasheet
421Kb / 1P
Power Inductors - Unshielded
CTGS75 CT-CTGS75 Datasheet
187Kb / 1P
Power Inductors - Unshielded
CTLQ1210L CT-CTLQ1210L Datasheet
179Kb / 1P
Power Inductors - Unshielded
CT814AYF CT-CT814AYF Datasheet
304Kb / 1P
Power Inductors - Unshielded
CT875FUF CT-CT875FUF Datasheet
95Kb / 1P
Power Inductors - Unshielded
CTDO3306F CT-CTDO3306F Datasheet
196Kb / 1P
Power Inductors - Unshielded
CTDO3308F CT-CTDO3308F Datasheet
381Kb / 1P
Power Inductors - Unshielded
CTGS32F CT-CTGS32F Datasheet
328Kb / 1P
Power Inductors - Unshielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com