Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HEG75 Datasheet(PDF) 1 Page - HITRON ELECTRONICS CORPORTION

Part # HEG75
Description  AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 60-75 WATTS GREEN POWER SWITCHING POWER SUPPLIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HEG75 Datasheet(HTML) 1 Page - HITRON ELECTRONICS CORPORTION

  HEG75 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HEG75 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
H HiTRON
AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT
SINGLE OUTPUT 60-75 WATTS GREEN POWER SWITCHING
POWER SUPPLIES HEG75 SERIES
FEATURES:
ACCOMMODATE UNIVERSAL AC SOURCES
DESKTOP IEC320-3PL/2P AC RECEPTACLE
MEET UNIVERSAL SAFETY STANDARDS
GREEN POWER & MEET CEC Table U-2(2008)
EMI MEET CISPR EN 55022/ FCC CLASS B
CE MARKING COMPLIANCE
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Wattage: Typ. 60-75 W.
Output Connector: Optional.
Line Regulation: Typ. 0.1%.
Load Regulation: Typ. +/-5.0%.
Noise & Ripple: Typ. 2% peak to peak.
OVP: Built-in by latch circuit.
Adjustability: Factory set.
Over Current Protection (OCP):
Fully protected against output overload and short circuit.
OCP is installed PCT (Peak Current Timer) for large
peak current. The PSU will shutdown after OCP is
activated in a certain period. The PSU will hiccup
if the output is in short circuit.
Consult the factory for OCP setting.
GENERAL SPECIFICATION
Efficiency: Typ. 85-89%.(various with output voltage)
Switching Frequency: Typ. 60KHz.
Circuit Topology: Fixed Frequency flyback circuit.
Transient Response: Output voltage returns in less than
2mS following a 25% load change.
Safety Standard: Meet EN60950-1/ UL60950-1,
Class I for DT7L and Class II for DT8.
Power Density: 5.15-6.5Watts. / Cubic Inch.
Operating Temperature: 0 to +25/+35/+40 °C
without derating.(various with output voltage)
Storage Temperature: -20 to +85 °C.
Temperature Coefficient: 0.01%/°C
Cooling: Free air convection.
Construction: Impact resistant thermo-plastic
enclosure case.
Desktop Format.
Note: (1) All measurements are at nominal input, full load, and +25°C unless otherwise specified.
(2) Load regulation is measured at 115Vac or 230Vac in percentage to indicate the change in output voltage as the load varied from half load to full load (
±%).
(3) The exact obtainable load regulation depends upon the output cord selected and load current.
(4) The typical cord is UL1185 AWG#18 or UL1571 16AWG#. The typical cord length for UL1185/AWG#18 is 2ft and for UL1571 16AWG# is 1M.
(5)The DC COM of output is connected with GND
(5) Due to requests in market and advances in technology, specifications subject to change without notice.
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Typ. 90-264Vac.
Input Connector: IEC320-3PL/2P AC input receptacle.
Input Frequency: 47-63Hz.
Inrush Current: Typ. 9.9Arms @ 230Vac.
Input Current: Typ. 1.23A @ 115Vac, 0.67A @ 230Vac.
Dielectric Withstand: Meet IEC60950-1.
EMI: Meet CISPR EN55022 / FCC Class B.
Hold-up Time: Typ. 16.8mS @ 115Vac, 84.8mS @ 230Vac.
Over Temp. Protection: Factory set.
Green Power: <0.5W@ 230Vac
Earth Leakage: Less than 0.5mA.
LED Indicator: Optional.


Similar Part No. - HEG75

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
HEG COOPER-HEG Datasheet
51Kb / 2P
TRON짢 In-Line Fuseholders
logo
LEMO Connectors
HEG LEMO-HEG Datasheet
12Mb / 28P
T SERIES IP 68 PUSH-PULL CONNECTORS
logo
HITRON ELECTRONICS CORP...
HEG24 HITRON-HEG24 Datasheet
339Kb / 2P
AC/DC EXTERNAL WALLMOUNT ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 24 WATTS GREEN POWER SWITCHING POWER SUPPLIES
HEG24-033500-1 HITRON-HEG24-033500-1 Datasheet
339Kb / 2P
AC/DC EXTERNAL WALLMOUNT ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 24 WATTS GREEN POWER SWITCHING POWER SUPPLIES
HEG24-033500-3 HITRON-HEG24-033500-3 Datasheet
339Kb / 2P
AC/DC EXTERNAL WALLMOUNT ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 24 WATTS GREEN POWER SWITCHING POWER SUPPLIES
More results

Similar Description - HEG75

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HES51 HITRON-HES51 Datasheet
484Kb / 2P
AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 45-51 WATTS SWITCHING POWER SUPPLIES
HEG42 HITRON-HEG42 Datasheet
364Kb / 2P
AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 42 WATTS GREEN POWER SWITCHING POWER SUPPLIES
HES14 HITRON-HES14 Datasheet
323Kb / 2P
AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 14-16 WATTS SWITCHING POWER SUPPLIES
HES18 HITRON-HES18 Datasheet
330Kb / 2P
AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 16-18 WATTS SWITCHING POWER SUPPLIES
HES24 HITRON-HES24 Datasheet
337Kb / 2P
AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE & MULTIPLE OUTPUT 24-26 WATTS SWITCHING POWER SUPPLIES
HES34 HITRON-HES34 Datasheet
144Kb / 2P
AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 25-36 WATTS SWITCHING POWER SUPPLIES
HES61 HITRON-HES61 Datasheet
350Kb / 2P
AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 50-60 WATTS SWITCHING POWER SUPPLIES
HES65 HITRON-HES65 Datasheet
331Kb / 2P
AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 60-65 WATTS SWITCHING POWER SUPPLIES
HES75 HITRON-HES75 Datasheet
297Kb / 2P
AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 75 WATTS SWITCHING POWER SUPPLIES
HES102 HITRON-HES102 Datasheet
272Kb / 2P
AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 100 WATTS SWITCHING POWER SUPPLIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com