Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2516 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2516
Description  Bandpass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2516 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2516 Datasheet HTML 1Page - KR Electronics, Inc. 2516 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2003, KR Electronics, Inc.
CH1
S21
LOG
.5 dB/
REF -1 dB
START
110 . 000
000
MHz
STOP
126 . 000
000
MHz
Cor
CH2
S21
DEL
5 ns/
REF 25 ns
Cor
Smo
6 Nov 2003 10:49:07
1
1 : -1 . 6173
dB
118 . 000
000
MHz
1
1 : 34 . 697
ns
118 . 000
000
MHz
CH1
S21
LOG
5 dB/
REF 0 dB
START
18 . 000
000
MHz
STOP
218 . 000
000
MHz
Cor
6 Nov 2003 10:50:32
KR Electronics 2516 Bandpass Filter
KR 2516 is a 118 MHz surface mount bandpass filter. Other
center frequencies and bandwidths available. Please consult the
factory.
General Description
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
Features
Features
Features
Features
Surface Mount Package
118 MHz Center Frequency
>40 dB Stopband
50 Ω Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(0.5 dB/div & 5 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(5 dB/div)


Similar Part No. - 2516

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2516 ETC2-2516 Datasheet
474Kb / 7P
60 MHz (2511/2515) and 100 MHz (2512/2516) bandwidth
logo
Heyco.
2516 HEYCO-2516 Datasheet
154Kb / 1P
Threaded Smooth Bore Bushings
logo
Christian Bürkert GmbH ...
2516 BURKERT-2516 Datasheet
1Mb / 13P
Plunger valve 2/2 way direct-acting
26.01.2021
2516 BURKERT-2516 Datasheet
1Mb / 17P
2/2 or 3/2 way Pneumatic-Rocker-Solenoid Valve
03.02.2023
2516 BURKERT-2516 Datasheet
1Mb / 15P
2/2 or 3/2 way Rocker-Solenoid Valve with separating diaphragm
27.01.2023
More results

Similar Description - 2516

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
VBF-8000 MINI-VBF-8000 Datasheet
276Kb / 2P
Bandpass Filter
VBF-7500 MINI-VBF-7500 Datasheet
310Kb / 2P
Bandpass Filter
VBF-7350 MINI-VBF-7350 Datasheet
313Kb / 2P
Bandpass Filter
VBF-2275 MINI-VBF-2275 Datasheet
329Kb / 2P
Bandpass Filter
ZX75BP-1842 MINI-ZX75BP-1842 Datasheet
166Kb / 1P
Bandpass Filter
VBFZ-3590 MINI-VBFZ-3590 Datasheet
228Kb / 1P
Bandpass Filter
VBFZ-4000 MINI-VBFZ-4000 Datasheet
259Kb / 1P
Bandpass Filter
VBFZ-5500 MINI-VBFZ-5500 Datasheet
228Kb / 1P
Bandpass Filter
ZABP-450 MINI-ZABP-450 Datasheet
372Kb / 3P
Bandpass Filter
ZABP-587-S MINI-ZABP-587-S Datasheet
349Kb / 3P
Bandpass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com