Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TL5001ACD Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TL5001ACD
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUITS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL5001ACD Datasheet(HTML) 13 Page - Texas Instruments

Back Button TL5001ACD Datasheet HTML 9Page - Texas Instruments TL5001ACD Datasheet HTML 10Page - Texas Instruments TL5001ACD Datasheet HTML 11Page - Texas Instruments TL5001ACD Datasheet HTML 12Page - Texas Instruments TL5001ACD Datasheet HTML 13Page - Texas Instruments TL5001ACD Datasheet HTML 14Page - Texas Instruments TL5001ACD Datasheet HTML 15Page - Texas Instruments TL5001ACD Datasheet HTML 16Page - Texas Instruments TL5001ACD Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
TL5001, TL5001A
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
SLVS084E – APRIL 1994 – REVISED OCTOBER 1999
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 5
100 k
10 k
1 M
10 k
100 k
1 M
VCC = 6 V
DT Resistance = Rt
TA = 25°C
Rt – Timing Resistance – Ω
OSCILLATOR FREQUENCY
vs
TIMING RESISTANCE
Figure 6
94
92
90
88
– 50
– 25
0
96
98
100
25
50
75
100
TA – Ambient Temperature – °C
OSCILLATION FREQUENCY
vs
AMBIENT TEMPERATURE
VCC = 6 V
Rt = 100 kΩ
DT Resistance = 100 k
Ω
Figure 7
REFERENCE OUTPUT VOLTAGE
vs
POWER-SUPPLY VOLTAGE
VCC – Power-Supply Voltage – V
1
0.8
0.4
0.2
0
1.8
0.6
0
1
23
456
1.4
1.2
1.6
2
789
10
TA = 25°C
FB and COMP
Connected Together
Figure 8
TA – Ambient Temperature – °C
REFERENCE OUTPUT VOLTAGE FLUCTUATION
vs
AMBIENT TEMPERATURE
– 0.2
– 0.4
– 0.8
– 50
– 25
0
0.2
0.4
0.6
25
50
75
100
0
VCC = 6 V
FB and COMP
Connected Together
– 0.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com