Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

60-JS6DT3 Datasheet(PDF) 1 Page - MTU Onsite Energy Corporation

Part # 60-JS6DT3
Description  Diesel Engine-Generator Set
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTU [MTU Onsite Energy Corporation]
Direct Link  http://www.mtuonsiteenergy.com
Logo MTU - MTU Onsite Energy Corporation

60-JS6DT3 Datasheet(HTML) 1 Page - MTU Onsite Energy Corporation

  60-JS6DT3 Datasheet HTML 1Page - MTU Onsite Energy Corporation 60-JS6DT3 Datasheet HTML 2Page - MTU Onsite Energy Corporation 60-JS6DT3 Datasheet HTML 3Page - MTU Onsite Energy Corporation 60-JS6DT3 Datasheet HTML 4Page - MTU Onsite Energy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Diesel engine-generator set
60-Js6Dt3
60 ekW /60 Hz /Standby
208 - 600V
A tognum group BrAnd
//
EPA Tier 3 Certified
//
Engine-Generator Set Tested to ISO 8528-5 for
transient response
//
UL2200, CSA Listing Offered
//
Accepts Rated Load in One Step Per NFPA 110, Level 1
//
All engine-generator sets are prototype and factory tested
//
MTU Onsite Energy is a single source supplier
//
Global Product Support
//
2 Year Standard Warranty
//
5030HF285 Diesel Engine
- 3.0 Liter Displacement
- Electronic Unit Pump Injection
- 4-Cycle
//
Complete Range of Accessories
//
Permanent Magnet Generator (PMG) - Optional
- Brushless, Rotating Field
- 300% Short Circuit Capability
- 2/3 Pitch Windings
//
Digital Control Panel(s)
- UL Recognized,
, NFPA 110
- Complete System Metering
- LCD Display
//
Cooling System
- Integral Set-Mounted
- Engine Driven Fan
FACTS
SYSTEM RATINGS
Standby
Voltage (L-L)
240V**
208V**
240V**
480V**
600V**
Phase
1
3
3
3
3
PF
1.0
0.8
0.8
0.8
0.8
Hz
60
60
60
60
60
kW
60
60
60
60
60
kVA
60
75
75
75
75
AMPS
250
208
180
90
72
skVA@30%
Voltage Dip
127
178
236
236
136
Generator Model
362PSL1604
362PSL1604
362PSL1604
362PSL1604
362PSL1633
Temp Rise
130°C/27°C
130°C/27°C
130°C/27°C
130°C/27°C
125°C/40°C
Connection
12 LEAD ZIG-ZAG
12 LEAD LOW WYE
12 LEAD HI DELTA
12 LEAD HI WYE
4 LEAD WYE
** UL2200 Offered


Similar Part No. - 60-JS6DT3

ManufacturerPart #DatasheetDescription
logo
MTU Onsite Energy Corpo...
60-JC6DT3 MTU-60-JC6DT3 Datasheet
370Kb / 4P
DIESEL ENGINE-GENERATOR SET
More results

Similar Description - 60-JS6DT3

ManufacturerPart #DatasheetDescription
logo
MTU Onsite Energy Corpo...
20-JS6DT4 MTU-20-JS6DT4 Datasheet
334Kb / 4P
Diesel Engine-Generator Set
50-JS6DT3 MTU-50-JS6DT3 Datasheet
366Kb / 4P
Diesel Engine-Generator Set
60-JC6DT3 MTU-60-JC6DT3 Datasheet
370Kb / 4P
DIESEL ENGINE-GENERATOR SET
230-JC6DT3 MTU-230-JC6DT3 Datasheet
491Kb / 4P
DIESEL ENGINE-GENERATOR SET
275-XC6DT3 MTU-275-XC6DT3 Datasheet
449Kb / 4P
DIESEL ENGINE-GENERATOR SET
300-XC6DT3 MTU-300-XC6DT3 Datasheet
466Kb / 4P
DIESEL ENGINE-GENERATOR SET
350-XC6DT3 MTU-350-XC6DT3 Datasheet
467Kb / 4P
DIESEL ENGINE-GENERATOR SET
375-JC6DT3 MTU-375-JC6DT3 Datasheet
469Kb / 4P
DIESEL ENGINE-GENERATOR SET
450-XS6DT3 MTU-450-XS6DT3 Datasheet
444Kb / 4P
Diesel Engine-Generator Set
1000-XC6DT2 MTU-1000-XC6DT2 Datasheet
392Kb / 4P
DIESEL ENGINE-GENERATOR SET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com