Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IMP Datasheet(PDF) 3 Page - Emerson Network Power

Part # IMP
Description  Intelligent MP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

IMP Datasheet(HTML) 3 Page - Emerson Network Power

  IMP_09 Datasheet HTML 1Page - Emerson Network Power IMP_09 Datasheet HTML 2Page - Emerson Network Power IMP_09 Datasheet HTML 3Page - Emerson Network Power IMP_09 Datasheet HTML 4Page - Emerson Network Power IMP_09 Datasheet HTML 5Page - Emerson Network Power IMP_09 Datasheet HTML 6Page - Emerson Network Power IMP_09 Datasheet HTML 7Page - Emerson Network Power IMP_09 Datasheet HTML 8Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Rev. 5.28.09_77
iMP Series
 of 8
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
7
6
5 4
3 2
1
i
MP4
available slots
i
MP8
available slots
i
MP1
available slots
Parallel Codes
0 = no parallel
1 = 1 & 2
2 = 2 & 3
3 = 3 & 4
4 = 4 & 5
5 = 3 & 4 & 5
6 = 5 & 6
7 = 4 & 5 & 6
8 = 6 & 7
9 = 3 & 4, 6 & 7
Output Module Voltage/Current
Ordering Note:
1. The cases and modules of both MP and iMP
series can be interchanged to allow more
flexibility. If intelligent modules are used
with non-intelligent cases, a numeric code
“4” is placed at the end of the module code
(ex. 4LL0 becomes 4LL4).
2. USB to I2C module order code 73-769-001
i
MP1*
- 3L0 - 2E2 - 1Q1 -4LL0 -
00
-
A
-
###
Case Size (mm)
4 = 2.5” x 5” x 10”; 750 W-1100 W, 5 Slots
(63.5 x 127 x 254)
8 = 2.5” x 7” x 10”; 1000 W-1200 W, 6 Slots
(63.5 x 177.8 x 254)
1 = 2.5” x 8” x 11”; 1200 W-1500 W, 7 Slots
(63.5 x 203.2 x 279.4)
*Note: Add “E” after iMP4 to denote IEC
input option. e.g. iMP4E
(Not available on iMP8 or iMP1)
Module Codes
Module/voltage/option codes
Module codes:
(None) = 36 W triple O/P (1 slot)
1 = 210 W single O/P (1 slot)
2 = 360 W single O/P (2 slot)
3 = 750 W single O/P (3 slot)
4 = 144 W dual O/P (1 slot)
5 - 9 = future
Case Option Codes
First digit
0 - 9 = parallel code
(See Parallel Codes table above)
Second digit
0 = No options
1 = Reverse air
3 = Global enable
4 = Fan off w/inhibit
5 = Opt 1 + Opt 3
6 = Opt 1 + Opt 4
7 = Opt 3 + Opt 4
8 = Opt 1 +3 +4
9 = Future
Software Code
Voltage Codes:
See Output Module Voltage/
Current table above
Option Codes:
0 = Standard
1 = Module enable
2 = Constant current
3 = 1 & 2 combined
4 = Set for use in standard
(non-intelligent case)
5 - 9 = Future
Module/Voltage/Option Codes
First - Module Code
Second - Voltage Code
Third - Option Code
Case Option Codes
Software code
used for configura-
tion change. “A” is
standard
Case Size
Factory assembled
for hardware of
firmware mods.
Hardware Code
Ordering Information
Voltage
Voltage
Code
Single Output Module Code
Dual Output***
Triple Output
I2C
Adjustment
Ranges****
1
2
3
5
4
4
-
-
-
2 V
A
35 A
60 A
150 A
—
10 A
10 A
—
—
2 A
1.8 - 2.2
2.2 V
B
35 A
60 A
150 A
—
10 A
10 A
—
—
2 A
2.0 - 2.4
3 V
C
35 A
60 A
150 A
—
10 A
10 A
—
—
2 A
2.7 - 3.3
3.3 V
D
35 A
60 A
150 A
—
10 A
10 A
—
—
2 A
3.0 - 3.6
5 V
E
35 A
60 A
150 A
—
10 A
10 A
—
—
2 A
4.5 - 5.5
5.2 V
F
35 A
60 A
144 A
—
10 A
10 A
—
—
2 A
4.7 - 5.7
5.5 V
G
34 A
58 A
136 A
—
10 A
10 A
—
—
2 A
5.0 - 6.1
6.0 V
H
23 A
42 A
97.5 A
140 A 10 A* 10 A*
—
—
2 A
5.4 - 6.6
8.0 V
I
20 A
36 A
84.4 A
140 A
10 A
4 A
1 A
1 A
1 A
7.2 - 8.8
10 V
J
18 A
32 A
75 A
140 A
10 A
4 A
1 A
1 A
1 A
9.0 - 11.0
11 V
K
17 A
31 A
68 A
136.3 A 10 A
4 A
1 A
1 A
1 A
9.9 - 12.1
12 V
L
17 A
30 A
62.5 A
125 A
10 A
4 A
1 A
1 A
1 A
10.8 - 13.2
14 V
M
14 A
21 A
53.5 A
107 A
9 A
4 A
1 A
1 A
1 A
12.6 - 15.4
15 V
N
14 A
20 A
50 A
100 A
8 A
4 A
1 A
1 A
1 A
13.5 - 16.5
18 V
O
11 A
19 A
41.6 A 83.3 A
—
—
—
0.5 A
0.5 A
16.2 - 19.8
20 V
P
10.5 A
18 A
37.5 A
75 A
—
—
—
0.5 A
0.5 A
18.0 - 22.0
24 V
Q
8.5 A
15 A
30 A
62.5 A
4 A
2 A
—
0.5 A
0.5 A
21.6 - 26.4
28 V
R
6.7 A
11 A
26.8 A 53.5 A
3 A
2 A
—
0.5 A
0.5 A
25.2 - 30.8
30 V
S
6.5 A
11 A
25 A
50 A
—
—
—
—
—
27.0 - 33.0
33 V
T
6.2 A 10.9 A 22.7 A 35.8 A
—
—
—
—
—
29.7 - 36.3
36 V
U
5.8 A
10 A
20.8 A 35.8 A
—
—
—
—
—
32.4 - 39.6
42 V
V
4.2 A
7.5 A
16 A
35.7 A
—
—
—
—
—
37.8 - 46.2
48 V
W
4.0 A
7.5 A
15.6 A 31.2 A
—
—
—
—
—
43.2 - 52.8
54 V
X
3.7 A
6.0 A
13.9 A 27.7 A
—
—
—
—
—
48.6 - 59.4
60 V
Y
3.5 A
6.0 A
12.5 A
25 A
—
—
—
—
—
54.0 - 66.0
Non-std**
Z
Special Voltage - Consult Factory for specifications
*Note: Contact Factory for extended range down to 6 V.
**Increments of current not shown can be achieved by paralleling modules
(add currents of each module selected).
***Total output power on dual module must not exceed 144 W.
**** For single output modules only.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com