Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NFS40 Datasheet(PDF) 3 Page - Emerson Network Power

Part # NFS40
Description  40 W universal input ac-dc power supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NFS40 Datasheet(HTML) 3 Page - Emerson Network Power

  NFS40_09 Datasheet HTML 1Page - Emerson Network Power NFS40_09 Datasheet HTML 2Page - Emerson Network Power NFS40_09 Datasheet HTML 3Page - Emerson Network Power NFS40_09 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev.06.9.09_118
NFS40 Medical
 of 4
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Notes
1 Natural convection cooling, 40 W maximum.
2 Forced air, 20 CFM at 1 atmosphere, 50 W maximum.
3 Peak output current lasting less than 30 seconds with duty cycle less than 10%.
During peak loading, outputs may go outside of total regulation limits. Peak
total power must not exceed 60 W.
4 50 MHz bandwidth, peak-to-peak, measured differentially.
5 Total regulation is defined as the static output regulation at 25 °C, including
initial tolerance, load currents within stated limits, and output voltages
adjusted to their factory settings. Also, 0.25 ² IA / IB ² 5.0 to maintain stated
regulation.
6 A minimum load of 0.5 A is required on the +5 V output to obtain full current
from the negative output.
7 Single output models have floating outputs which may be referenced as either
positive or negative.
8 Derating curve is application specific for ambient temperatures > 50 °C, for
optimum reliability no part of the heatsink should exceed 120 °C and no
semiconductor case temperature should exceed 130 °C.
9 Caution: Allow a minimum of 1 second after disconnecting the power when
making thermal measurements.
10 Although the minimum output current of the NFS40-79XXJ is 0 A, a 4 W
minimum load is required to achieve design MTBF.
11 Three orthogonal axes, sweep at 1 octave/min, 5 minute dwell at four major
resonances.
12 This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
13 The ‘J’ suffix indicates that these parts are Pb-free (RoHS 6/6) compliant.
14 NOTICE: Some models do not support all options. Please contact your local
Emerson Network Power representative or use the on-line model number
search tool at http://www.PowerConversion.com to find a suitable alternative.
AC mating connector
Molex 09-50-3031 or equivalent with Molex 08-50-0105 or equivalent crimp terminal.
DC mating connector
Molex 09-91-0600 or equivalent with Molex 08-50-0164 or equivalent crimp terminal.
Ordering Information
Output
Voltage
Output Currents
Ripple (4)
PK-PK
Total
Regulation (5)
Model Numbers (13, 14)
Conv Max (1)
20 CFM Max. (2)
Peak (3)
+5.1 V (VA)
3 A
5 A
7 A
50 mV
± 2.0%
NFS40-7908J
+12 V (VB)
2 A
2 A
3 A
120 mV
± 5.0%
–12 V (6)
0.35 A
0 A
---
120 mV
± 5.0%
+5.1 V (VA)
3 A
5 A
7 A
50 mV
± 2.0%
NFS40-7910J
+15 V (VB)
2 A
2 A
2.5 A
150 mV
± 10%/-3.0%
-15 V (6)
0.35 A
0.5 A
---
150 mV
± 5.0%
12 V (7)
3.3 A
4 A
5 A
120 mV
± 2.0%
NFS40-7912J
15 V (7)
2.6 A
3.3 A
4 A
150 mV
± 2.0%
NFS40-7915J
24 V (7)
1.6 A
2 A
2.5 A
240 mV
± 2.0%
NFS40-7924J
+5.1 V
4 A
7 A
5 A
50 mV
± 2.0%
NFS40-7928J
+12 V
0.35 A
1 A
0.5 A
120 mV
± 5.0%
–12 V
0.35 A
1 A
0.5 A
120 mV
± 5.0%
Pin Connections
J1
-7908J, -7928J
-7910J
SINGLES
Pin 1
AC Line
AC Line
AC Line
Pin 2
AC Neutral
AC Neutral
AC Neutral
J2
Pin 1
+12 V
+15 V
+Vout
Pin 2
+5.1 V
+5.1 V
+Vout
Pin 3
+5.1 V
+5.1 V
+Vout
Pin 4
Return
Return
Return
Pin 5
Return
Return
Return
Pin 6
-12 V
-15 V
Return
P1
Pin 1
Safety Earth Ground
DERATING CURVE
Output Power (Watts)
0C
10C
20C
30C
40C
50C
60C
70C
20W
40W
50W
20 CFM FORCED AIR COOLING
25W
NATURAL
CONVECTION
COOLING
Ordering Information



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com