Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS32025 Datasheet(PDF) 2 Page - Texas Instruments

Part # TMS32025
Description  SECOND-GENERATION DIGITAL SIGNAL PROCESSORS
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS32025 Datasheet(HTML) 2 Page - Texas Instruments

  TMS32025 Datasheet HTML 1Page - Texas Instruments TMS32025 Datasheet HTML 2Page - Texas Instruments TMS32025 Datasheet HTML 3Page - Texas Instruments TMS32025 Datasheet HTML 4Page - Texas Instruments TMS32025 Datasheet HTML 5Page - Texas Instruments TMS32025 Datasheet HTML 6Page - Texas Instruments TMS32025 Datasheet HTML 7Page - Texas Instruments TMS32025 Datasheet HTML 8Page - Texas Instruments TMS32025 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 69 page
background image
TMS320 SECOND-GENERATION
DEVICES
SPRS010B — MAY 1987 — REVISED NOVEMBER 1990
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
2
PGA AND PLCC/CER-QUAD PIN ASSIGNMENTS
FUNCTION
PIN
FUNCTION
PIN
FUNCTION
PIN
FUNCTION
PIN
FUNCTION
PIN
FUNCTION
PIN
A0
K1/26
A12
K8/40
D2
E1/16
D14
A5/3
INT2
H1/22
VCC
H2/23
A1
K2/28
A13
L9/41
D3
D2/15
D15
B6/2
IS
J11/46
VCC
L6/35
A2
L3/29
A14
K9/42
D4
D1/14
DR
J1/24
MP/MC† A6/1
VSS
B1/10
A3
K3/30
A15
L10/43
D5
C2/13
DS
K10/45
MSC
C10/59
VSS
K11/44
A4
L4/31
BIO
B7/68
D6
C1/12
DX
E11/54
PS
J10/47
VSS
L2/27
A5
K4/32
BR
G11/50
D7
B2/11
FSR
J2/25
READY
B8/66
XF
D11/56
A6
L5/33
CLKOUT1
C11/58
D8
A2/9
FSX
F10/53
RS
A8/65
X1
G10/51
A7
K5/34
CLKOUT2
D10/57
D9
B3/8
HOLD
A7/67
R/W
H11/48
X2/CLKIN
F11/52
A8
K6/36
CLKR
B9/64
D10
A3/7
HOLDA
E10/55
STRB
H10/49
A9
L7/37
CLKX
A9/63
D11
B4/6
IACK
B11/60
SYNC
F2/19
A10
K7/38
D0
F1/18
D12
A4/5
INT0
G1/20
VCC
A10/61
A11
L8/39
D1
E2/17
D13
B5/4
INT1
G2/21
VCC
B10/62
† On the TMS32020, MP/MC must be connected to VCC.
SIGNALS
I/O/Z‡
DEFINITION
VCC
VSS
X1
X2/CLKIN
CLKOUT1
CLKOUT2
D15-D0
A15-A0
PS, DS, IS
R/W
STRB
RS
INT2-INT0
MP/MC
MSC
IACK
READY
BR
XF
HOLD
HOLDA
SYNC
BIO
DR
CLKR
FSR
DX
CLKX
FSX
I
I
O
I
O
O
I/O/Z
O/Z
O/Z
O/Z
O/Z
I
I
I
O
O
I
O
O
I
O
I
I
I
I
I
O/Z
I
I/O/Z
5-V supply pins
Ground pins
Output from internal oscillator for crystal
Input to internal oscillator from crystal or external clock
Master clock output (crystal or CLKIN frequency/4)
A second clock output signal
16-bit data bus D15 (MSB) through D0 (LSB). Multiplexed between program, data, and I/O spaces.
16-bit address bus A15 (MSB) through A0 (LSB)
Program, data, and I/O space select signals
Read/write signal
Strobe signal
Reset input
External user interrupt inputs
Microprocessor/microcomputer mode select pin
Microstate complete signal
Interrupt acknowledge signal
Data ready input. Asserted by external logic when using slower devices to indicate that the current bus transaction
is complete.
Bus request signal. Asserted when the TMS320C2x requires access to an external global data memory space.
External flag output (latched software-programmable signal)
Hold input. When asserted, TMS320C2x goes into an idle mode and places the data, address, and control lines in
the high impedance state.
Hold acknowledge signal
Synchronization input
Branch control input. Polled by BIOZ instruction.
Serial data receive input
Clock for receive input for serial port
Frame synchronization pulse for receive input
Serial data transmit output
Clock for transmit output for serial port
Frame synchronization pulse for transmit. Configuration as either an input or an output.
‡ I/O/Z denotes input/output/high-impedance state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com