Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ASM3P2863AF-08ST Datasheet(PDF) 4 Page - PulseCore Semiconductor

Part # ASM3P2863AF-08ST
Description  Low Power Peak EMI Reducing Solution
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P2863AF-08ST Datasheet(HTML) 4 Page - PulseCore Semiconductor

  ASM3P2863AF-08ST Datasheet HTML 1Page - PulseCore Semiconductor ASM3P2863AF-08ST Datasheet HTML 2Page - PulseCore Semiconductor ASM3P2863AF-08ST Datasheet HTML 3Page - PulseCore Semiconductor ASM3P2863AF-08ST Datasheet HTML 4Page - PulseCore Semiconductor ASM3P2863AF-08ST Datasheet HTML 5Page - PulseCore Semiconductor ASM3P2863AF-08ST Datasheet HTML 6Page - PulseCore Semiconductor ASM3P2863AF-08ST Datasheet HTML 7Page - PulseCore Semiconductor ASM3P2863AF-08ST Datasheet HTML 8Page - PulseCore Semiconductor ASM3P2863AF-08ST Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
January 2007
ASM3P2863A
rev 0.3
Low Power Peak EMI Reducing Solution
4 of 11
Notice: The information in this document is subject to change without notice.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD, VIN
Voltage on any pin with respect to Ground
-0.5 to +4.6
V
TSTG
Storage temperature
-65 to +125
°C
TA
Operating temperature
0 to 70
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TJ
Junction Temperature
150
°C
TDV
Static Discharge Voltage
(As per JEDEC STD22- A114-B)
2
KV
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.
DC Electrical Characteristics for 2.5V Supply
(Test condition: All parameters are measured at room temperature (+25°C) unless otherwise stated)
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input low voltage
VSS - 0.3
0.8
V
VIH
Input high voltage
2.0
VDD + 0.3
V
IIL
Input low current
-35
µA
IIH
Input high current
35
µA
IXOL
XOUT output low current (@0.5V, VDD=2.5V)
3
mA
IXOH
XOUT output high current (@1.8V, VDD=2.5V)
3
mA
VOL
Output low voltage (VDD = 2.5V, IOL = 8 mA)
0.6
V
VOH
Output high voltage (VDD = 2.5V, IOH = 8 mA)
1.8
V
IDD
Static supply current
0.8
mA
ICC
Dynamic supply current (2.5V, 12MHz and no load)
3
mA
VDD
Operating voltage
2.375
2.5
2.625
V
tON
Power-up time (first locked cycle after power-up)
5
mS
ZOUT
Output impedance
50
* XIN / CLKIN pin is pulled low
AC Electrical Characteristics for 2.5V Supply
Symbol
Parameter
Min
Typ
Max
Unit
CLKIN
Input frequency
-
12
-
MHz
ModOUT
Output frequency
-
12
-
MHz
fd
Frequency Deviation
-
±0.4
-
%
tLH*
Output rise time (measured from 0.7V to 1.7V)
0.5
1.5
1.7
nS
tHL*
Output fall time (measured from 1.7V to 0.7V)
0.5
1.0
1.2
nS
tJC
Jitter (Cycle to Cycle)
-
200
-
pS
tD
Output duty cycle
45
50
55
%
* tLH and tHL are measured into a capacitive load of 15pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com