Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PCS3P2189A Datasheet(PDF) 4 Page - PulseCore Semiconductor

Part # PCS3P2189A
Description  Spread Spectrum Clock Generator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS3P2189A Datasheet(HTML) 4 Page - PulseCore Semiconductor

  PCS3P2189A Datasheet HTML 1Page - PulseCore Semiconductor PCS3P2189A Datasheet HTML 2Page - PulseCore Semiconductor PCS3P2189A Datasheet HTML 3Page - PulseCore Semiconductor PCS3P2189A Datasheet HTML 4Page - PulseCore Semiconductor PCS3P2189A Datasheet HTML 5Page - PulseCore Semiconductor PCS3P2189A Datasheet HTML 6Page - PulseCore Semiconductor PCS3P2189A Datasheet HTML 7Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
September 2006
PCS3P2189A
rev 0.1
Spread Spectrum Clock Generator
4 of 7
Notice: The information in this document is subject to change without notice.
AC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
fIN
Input frequency
15
MHz
fOUT
Output frequency
60
MHz
tLH*
Output rise time ( Measured from 0.8V to 2.0V )
-
TBD
-
nS
tHL*
Output fall time ( Measured from 2.0V to 0.8V )
-
TBD
-
nS
tJC
Jitter (Cycle to cycle), Ta=25°C and VDD=3.3V
No Load Capacitance
-
-
TBD
pS
tD
Output duty cycle
40
50
60
%
MF
Modulation Frequency ,
Input Frequency =15MHz
32.4
KHz
*tLH and tHL are measured with a capacitive load of 15pF
Typical Crystal Oscillator Circuit
Typical Crystal Specifications
Fundamental AT cut parallel resonant crystal
Nominal frequency
15MHz
Frequency tolerance
± 50 ppm or better at 25°C
Operating temperature range
-25°C to +85°C
Storage temperature
-40°C to +85°C
Load capacitance
18pF
Shunt capacitance
7pF maximum
ESR
25Ω
R1 = 510Ω
C1
C2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com