Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

B3AF050920 Datasheet(PDF) 1 Page - Premier Magnetics, Inc.

Part # B3AF050920
Description  TPC RESETING DC/DC CONVERTERS FOR NETWORKING
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

B3AF050920 Datasheet(HTML) 1 Page - Premier Magnetics, Inc.

  B3AF050920 Datasheet HTML 1Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
1
b3af 2/98
TPC RESETING DC/DC
CONVERTERS FOR
NETWORKING
M
P
Premier
Magnetics Inc.
"INNOVATORS IN MAGNETICS TECHNOLOGY"
Pins 2 & 23 are
Optional & May Be
Ommitted
1.280
(32.51)
MAX
.420
(10.67)
MAX
.800
(20.32)
MAX
.150
(3.81)
TYP
.600
(15.24)
1.100
(27.94)
.020
(0.51)
.100
(2.54)
TYP
PACKAGE
SCHEMATIC
ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERATURE RANGE 0OC TO 71OC
PHYSICAL DIMENSIONS .... DIMENSIONS IN mm
(inches)
FEATURES
!
1.8 & 2.25 Watts
"
Caspacitor Input Filter
#
TPC Self Reseting Short Circuit Protection
$
24-Pin DIL Package
GENERAL SPECIFICATIONS
%
Efficiency (unregulated) ............... 75% min.
%
Switching Frequency .................. 40KHz min.
%
Isolation Voltage .................... 500Vdc min.
%
Operating Temperature ........... 0 to +71OC
INPUT SPECIFICATIONS
%
Voltage ......................................... 5 or 12.0Vdc
%
Voltage Range .......................................... ±5%
%
Input Filter ........................................ Capacitor
OUTPUT SPECIFICATIONS
%
Voltage ................................................... 9.0Vdc
%
Voltage Accuracy ...................................... ±5%
%
Short Circuit Protection ........... TPC RESETING
%
Ripple & Noise 20MHz BW ........... 100mV p-p
%
Load Regulation .................................. ±10.0%
P
M
B3AFXX09XX
YYWW
B3AF050920
5
9
200
YES
100
575
B3AF120925
12
9
250
YES
40
250
PART
NUMBER
INPUT
VOLTAGE
(Vdc)
OUTPUT
VOLTAGE
(Vdc)
OUTPUT
CURRENT
(mA max.)
TPC
FUSED
INPUT
INPUT CURRENT (mA typ.)
NO LOAD
FULL LOAD
10
11
12
12
+Vin
15
14
13
23
24
+Vin
-Vout +Vout
+Vout
-Vin
-Vin
TPC RESETTING
DC to DC CONVERTER
NC
NC
-Vout


Similar Part No. - B3AF050920

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
B3A0A YFWDIODE-B3A0A Datasheet
454Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B3A0B YFWDIODE-B3A0B Datasheet
356Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
B3A0C CHENDA-B3A0C Datasheet
603Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
KEC(Korea Electronics)
B3A45VD KEC-B3A45VD Datasheet
8Kb / 1P
DPAK PACKAGE
logo
Premier Magnetics, Inc.
B3AD051212 PMI-B3AD051212 Datasheet
67Kb / 7P
MINI DC/DC CONVERTERS
More results

Similar Description - B3AF050920

ManufacturerPart #DatasheetDescription
logo
Rohm
BA9700A ROHM-BA9700A Datasheet
141Kb / 7P
Switching regulator for DC / DC Converters
logo
International Rectifier
IRF7807 IRF-IRF7807 Datasheet
239Kb / 8P
Chip-Set for DC-DC Converters
IRF7809A IRF-IRF7809A Datasheet
128Kb / 4P
Chipset for DC-DC Converters
IRF7811W IRF-IRF7811W Datasheet
146Kb / 6P
Power MOSFET for DC-DC Converters
IRF7822 IRF-IRF7822 Datasheet
71Kb / 6P
Power MOSFET for DC-DC Converters
IRLR8503 IRF-IRLR8503 Datasheet
101Kb / 8P
HEXFET MOSFET for DC-DC Converters
IRF8714PBF IRF-IRF8714PBF_15 Datasheet
256Kb / 9P
Control MOSFET for Isolated DC-DC Converters in Networking Systems
IRF8721PBF IRF-IRF8721PBF_15 Datasheet
235Kb / 9P
Control MOSFET for Isolated DC-DC Converters in Networking Systems
logo
Infineon Technologies A...
IPB015N08N5 INFINEON-IPB015N08N5 Datasheet
1Mb / 12P
Optimized technology for DC/DC converters
Rev.2.1,2015-10-15
IPA041N04NG INFINEON-IPA041N04NG Datasheet
1Mb / 12P
Optimized technology for DC/DC converters
Rev.2.0,2014-03-12
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com