Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PO100HSTL11A Datasheet(PDF) 5 Page - Potato Semiconductor Corporation

Part # PO100HSTL11A
Description  1 to 2 Differential Clock/Data Fanout Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO100HSTL11A Datasheet(HTML) 5 Page - Potato Semiconductor Corporation

  PO100HSTL11A Datasheet HTML 1Page - Potato Semiconductor Corporation PO100HSTL11A Datasheet HTML 2Page - Potato Semiconductor Corporation PO100HSTL11A Datasheet HTML 3Page - Potato Semiconductor Corporation PO100HSTL11A Datasheet HTML 4Page - Potato Semiconductor Corporation PO100HSTL11A Datasheet HTML 5Page - Potato Semiconductor Corporation PO100HSTL11A Datasheet HTML 6Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Packaging Mechanical Drawing: 8 pin SOIC
Copyright © 2006, Potato Semiconductor Corporation
5
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
.0040
.0098
SEATING PLANE
.013
.020
.050
BSC
1
8
.149
.157
3.78
3.99
.189
.196
4.80
5.00
1.27
.016
.026
1.35
1.75
0.406
0.660
0.330
0.508
0.10
0.25
.053
.068
REF
.016
.0075
.0098
.0099
.0196
0-8˚
.050
.2284
.2440
5.80
6.20
0.40
1.27
0.19
0.25
0.25
0.50
x 45˚
2.4V -3.6V Differential inputs to HSTL outputs Clock Buffer
PO100HSTL11A
1 to 2 Differential Clock/Data Fanout Buffer
02/11/07
Packaging Mechanical Drawing: 8 pin TSSOP
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
SEATING PLANE
8



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com