Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LMV321 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # LMV321
Description  GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LMV321 Datasheet(HTML) 4 Page - Diodes Incorporated

  LMV321 Datasheet HTML 1Page - Diodes Incorporated LMV321 Datasheet HTML 2Page - Diodes Incorporated LMV321 Datasheet HTML 3Page - Diodes Incorporated LMV321 Datasheet HTML 4Page - Diodes Incorporated LMV321 Datasheet HTML 5Page - Diodes Incorporated LMV321 Datasheet HTML 6Page - Diodes Incorporated LMV321 Datasheet HTML 7Page - Diodes Incorporated LMV321 Datasheet HTML 8Page - Diodes Incorporated LMV321 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LMV321/LMV358/LMV324
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL
OUTPUT OPERATIONAL AMPLIFIERS
LMV321/LMV358/LMV324 Rev. 1
4 of 16
JUNE 2009
www.diodes.com
© Diodes Incorporated
Electrical Characteristics
2.7V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for TA = 25°C, V
+ = 2.7V, V- = 0V, VCM = 1.0V, VO = V+/2 and RL > 1 MΩ.
Symbol
Parameter
Test Conditions
Min
(Note 10)
Typ.
(Note 9)
Max
(Note 10)
Unit
VOS
Input Offset Voltage
1.7
7
mV
TCVOS
Input Offset Voltage
Average Drift
5
µV/°C
IB
Input Bias Current
10
nA
IOS
Input Offset Current
5
50
nA
CMRR
Common Mode Rejection
Ratio
0V
≤ V
CM ≤ 1.7V
50
63
dB
PSRR
Power Supply Rejection
Ratio
2.7V
≤ V+ ≤ 5V
VO = 1V
50
60
dB
VCMR
Input Common-Mode
Voltage Range
For CMRR
≥ 50dB
0
-0.2
V
1.9
1.7
VO
Output Swing
RL = 10 kΩ to 1.35V
V
+ - 100
V
+ - 20
mV
20
100
IS
Supply Current
LMV321
Single amplifier
110
140
µA
LMV358
Both amplifiers
190
340
µA
LMV324
All four amplifiers
340
680
µA
2.7V AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for TA = 25°C, V
+ = 2.7V, V- = 0V, VCM = 1.0V, VO = V+/2 and RL > 1 MΩ.
Symbol
Parameter
Test Conditions
Min
(Note 10)
Typ.
(Note 9)
Max
(Note 10)
Unit
GBWP
Gain-Bandwidth Product
CL = 200 pF
1
MHz
Φm
Phase Margin
60
Deg
Gm
Gain Margin
10
dB
en
Input-Referred Voltage
Noise
f > 50 kHz
23
Z
H
nV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com