Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PRAS1 Datasheet(PDF) 42 Page - ASM GmbH

Part # PRAS1
Description  Angle Sensors and Encoders Contents
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PRAS1 Datasheet(HTML) 42 Page - ASM GmbH

Back Button PRAS1 Datasheet HTML 38Page - ASM GmbH PRAS1 Datasheet HTML 39Page - ASM GmbH PRAS1 Datasheet HTML 40Page - ASM GmbH PRAS1 Datasheet HTML 41Page - ASM GmbH PRAS1 Datasheet HTML 42Page - ASM GmbH PRAS1 Datasheet HTML 43Page - ASM GmbH PRAS1 Datasheet HTML 44Page - ASM GmbH PRAS1 Datasheet HTML 45Page - ASM GmbH PRAS1 Datasheet HTML 46Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 52 page
background image
PD-ADC
4
CAT-PR/PT-E-07
ASM
www.asm-sensor.com
•   For POSIROT® and POSITILT® position sensors with 
analogoutputs:
    Voltage 0 ... 10 V; 0.5 ... 10V; 0.5 ... 4.5 V
    Current 4 ... 20 mA
   Voltage divider
•  Integrated sensor supply (24 V DC)
•  6-digit LED display
•  RS-232 interface
•  Optional 4 comparator outputs
•  Easy programming
PRODIS-ADC is designed for use with analog position sensors to display angles and
displacements. A high resolution A/D converter processes signals from sensors with voltage
output 0 ... 10 V, current output 0/4 ... 0 mA or voltage divider (potentiometer).
The meter is programmable to display values within preset start/end range or values in units
as inches, mm or degrees. A tare function or programming lock can be activated with two
control terminals.
Sensor excitation is supplied by the meter. With four membrane keys all parameters can be
programmed for the special applications. Optional comparator functions with 4 NPN open-
collector outputs are available, additional  of them have relay output.
Description
Specification
Display
6-digit, 7-segment LED, height 14 mm,
decimal point programmable
Counting rate
1 ... 5/s programmable
Measurement accuracy
±0.05 % f.s.
Excitation voltage/current
4 V DC ±10%/150 mA, residual ripple 1%
ss;
85-250 V AC, 50-60 Hz/180 mA max.
Sensor excitation
4 V DC/300 mA
Input
Two channels, each for:
Voltage 0...10V; 0.5 ... 10V; 0.5 ... 4.5 V; max. 4V
Current 0/4...0 mA, load 100 Ω, I
max<30 mA
Voltage divider Rmin=500 Ω, 0 ... 5 V
One input or the difference between both inputs can be
chosen by programming
Control input
 control inputs 4 V, active low
Comparator outputs (option)
Relay
NPN
50 V AC/5 A, 30 V DC/5 A
4 V max./50 mA to GND
Connection
Terminal strip 1 pole, excitation 3 pole
Temperature coefficient
±0 x 10-6 / °C [±36 x 10-6 / °F]
Operating temperature / storage temperature
-10...+40 °C [14...+104 °F] / -0...+85 °C [-4...+185 °F]
Order Code PRODIS-ADC   
Model name
ExcitationVoltage
4VDC = 4 V DC
30VAC = 85...50 V AC
Options
REL
= Comparator
DT
= Desktop version
Orderexample:PD-ADC-24VDC-REL2
PRODIS ®
PD-ADC
Digital process meter for analog sensors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com