Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PRDS2 Datasheet(PDF) 3 Page - ASM GmbH

Part # PRDS2
Description  Angle Sensors and Encoders Contents
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PRDS2 Datasheet(HTML) 3 Page - ASM GmbH

  PRDS2 Datasheet HTML 1Page - ASM GmbH PRDS2 Datasheet HTML 2Page - ASM GmbH PRDS2 Datasheet HTML 3Page - ASM GmbH PRDS2 Datasheet HTML 4Page - ASM GmbH PRDS2 Datasheet HTML 5Page - ASM GmbH PRDS2 Datasheet HTML 6Page - ASM GmbH PRDS2 Datasheet HTML 7Page - ASM GmbH PRDS2 Datasheet HTML 8Page - ASM GmbH PRDS2 Datasheet HTML 9Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
● ● ●
● ●
● ● ●
IP67/
IP69K
PRAS1 / PRDS1
PRAS / PRDS
PTAS
PRAS3 / PRDS3
PMIS4 / PMIR4
PMIS4 / PMIR5
● ● ●
IP67/
IP69K
IP67/
IP69K
IP67/
IP69K
IP67
IP67
PRAS4
● ●
IP67/
IP69K
PRAS0 / PRAS1
IP60
Model
Special characteristics
Outputs
Protection 
class
Model Selection Guide for  
POSIROT ® and POSITILT ®   
ASM
CAT-PR/PT-E-07
3
www.asm-sensor.com
● Non-contact with external position
magnet
● Wear free
● M12 housing
● Non-contact with external position
magnet
● Wear free
● 36 mm dia. housing
● Redundant channel as option
● 10 mm shaft or 6 mm hollow shaft
● Housing dia. 36 mm
● Redundant channel as option
● Magnetic measurement principle
● 13 mm shaft or non-contact
● Housing dia. 79 mm
● Double-bearing shaft
● Inclinometer
● Magnetic measurement principle
● Wear-free
● Housing dia. 36 mm
● Redundant channel as option
● Magnetic incremental encoder
● Resolution up to 184,320 pulses
per revolution
● Resistant against shock, vibration,
humidity and many liquids
● Magnetic incremental encoder
● Resolution up to 327,680 pulses
per revolution
● Resistant against shock, vibration,
humidity and many liquids
● Magnetic non-contact with 360
degree range
● Non-contact with external position
magnet
● Wear free
● Height only 6 mm
● OEM version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com