Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

33730 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 33730
Description  SWITCHING POWER SUPPLY
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33730 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 33730 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33730 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
33730
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
VKAM STANDBY LINEAR REGULATOR (CONTINUED)
VKAM Current Limit, VKAM = 0V
KA_VBAT = 14V, VBAT = 14V
IVKAM_LIM
-20
-50
mA
KA_VBAT = 5.0V, VBAT = 5.0V
-20
-50
Thermal Shutdown Junction Temperature(8)
TSH
190
°C
TSL
150
°C
Thermal Shutdown Hysteresis(8)
TSHYS
5.0
20
°C
SENSOR SUPPLIES VREF1, VREF2
VREF On-Resistance, IVREF = -100mA
RDS(ON)
500
m
Ω
VREF Current Limit, VREF = -1.0V(9)
IREF_LIM
-150
-280
-450
mA
VREF Reverse Current Limit, VREF = 26.5V
(9)
IREF_REVLIM
40
mA
VREF Leakage Current, VREF Shut Down, VREF = -1.0V
(9)
IREF_REVLIM
-2.0
mA
Thermal Shutdown Junction Temperature(8)
TSH
190
°C
TSL
150
°C
Thermal Shutdown Hysteresis(8)
TSHYS
5.0
20
°C
SUPERVISORY AND CONTROL CIRCUITS
VIGN Input Voltage Threshold
VIGN_IH
4.0
4.3
4.6
V
VBAT = 14.0V, KA_VBAT = 14V
VIGN_IL
2.0
2.15
2.4
V
VIGN Hysteresis
VIGN-HYS
1.7
V
VIGN Pull-down Current @ 5.0 V
IPD
10
30
60
µA
VBAT = 14.0V, KA_VBAT = 14V
REGON Input Voltage Threshold
VIH
1.7
V
VBAT = 14.0V, Battery Voltage = 14V
VIL
1.0
V
REGON Input Voltage Threshold Hysteresis
VIHYS
0.1
0.3
0.4
V
REGON Pull-down Current @ 3.0 V
IPD
5.0
30
µA
Programming Pin Input Voltage Threshold
VIH
2.5
V
VBAT = KA_VBAT = 14V
VIL
1.0
V
Programming P1, P2, P3 Leakage Current @ 14.0 V
IPD
1.0
5.0
µA
VDDH Reset Upper Threshold Voltage (ΔVDDH/VDDH)
4.0
8.0
13.0
%
VDDH Reset Lower Threshold Voltage (ΔVDDH/VDDH)
-3.0
-8.0
-13.0
%
VDDL Reset Lower Threshold Voltage (ΔVDDL /VDDL)
-3.0
-8.0
-13.0
%
VDD3 Reset Lower Threshold Voltage (ΔVDD3 /VDD3)
-3.0
-8.0
-13.0
%
Notes
8.
Guaranteed by design.
9.
The short circuit transient events on the VREF outputs must be limited to the voltage levels specified in the Maximum Ratings and slew
rates of less than 2.0V/µs, otherwise damage to the part may occur. Refer to the paragraph Sensor Supplies (VREF1, VREF2) on page
18 and typical application circuit diagrams on Figure 8,and Figure 9 for recommended VREF output termination.
Table 4. Static Electrical Characteristic(continued)
Characteristics noted under conditions 6.0V
≤ KA_VBAT = VBAT ≤ 26.5V, -40°C ≤ TA ≤ 125°C using the typical application circuit,
unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com