Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STA5630 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA5630
Description  Low power GPS RF front-end
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA5630 Datasheet(HTML) 1 Page - STMicroelectronics

  STA5630 Datasheet HTML 1Page - STMicroelectronics STA5630 Datasheet HTML 2Page - STMicroelectronics STA5630 Datasheet HTML 3Page - STMicroelectronics STA5630 Datasheet HTML 4Page - STMicroelectronics STA5630 Datasheet HTML 5Page - STMicroelectronics STA5630 Datasheet HTML 6Page - STMicroelectronics STA5630 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
July 2009
Doc ID 16055 Rev 1
1/7
7
STA5630
Low power GPS RF front-end
Features
Integrated LNA
Low power consumption (< 25 mW)
1.8 V supply voltage
GPS and Galileo compliant
Minimum external components
Serial interface
3 bits A/D converter
CMOS 65 nm technology
2 kV HBM ESD protected
Standard QFN-32 package
Description
The chip is a fully integrated RF front-end able to
down-convert either the GPS L1 signal from
1575.42 MHz to 4.092 MHz.
The STA5630 embeds high performance LNA
minimizing external component count. The chip
uses state of the art CMOS 65 nm technology.
A 3-bit ADC converts the IF signal to Sign (SIGN)
and Magnitude (MAG0 and MAG1). The
magnitude bits are internally integrated in order to
control the variable gain amplifiers. The VGA gain
can be also set by the SPI interface.
The STA5630 accepts a range of reference clocks
(10 to 52 MHz) and generates a 16.368 MHz
sampling clock (GPS_CLK) for the baseband. The
STA5630 embeds LDO to supply the internal core
of the device facilitating requirements to external
power supply.
High performance low power and cost effective
device, the STA5630 is the ideal solution for
automotive, cellular and consumer battery
powered applications.
VFQFPN32
Table 1.
Device summary
Order code
Marking
Package
Packing
STA5630
STA5630
VFQFPN32
Tray
STA5630TR
STA5630
VFQFPN32
Tape and reel
www.st.com


Similar Part No. - STA5630

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA5635A STMICROELECTRONICS-STA5635A Datasheet
783Kb / 20P
Automotive Universal GNSS RF Receiver
02-Dec-2020
STA5635S STMICROELECTRONICS-STA5635S Datasheet
237Kb / 7P
Automotive universal GNSS RF receiver
16-Nov-2020
More results

Similar Description - STA5630

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB5600 STMICROELECTRONICS-STB5600 Datasheet
72Kb / 10P
GPS RF FRONT-END IC
Aug-1998
STB5610 STMICROELECTRONICS-STB5610 Datasheet
158Kb / 11P
GPS RF FRONT-END IC
07-May-2002
logo
Mitel Networks Corporat...
GP2010 MITEL-GP2010 Datasheet
151Kb / 24P
GPS Receiver RF Front End
GP2015 MITEL-GP2015 Datasheet
154Kb / 24P
GPS Receiver RF Front End
logo
Princeton Technology Co...
PT9120 PTC-PT9120 Datasheet
567Kb / 18P
GPS Receiver RF Front End IC
logo
STMicroelectronics
STA5620 STMICROELECTRONICS-STA5620 Datasheet
357Kb / 29P
Fully integrated RF front-end for GPS
24-Jul-2007
logo
ATMEL Corporation
ATR0601 ATMEL-ATR0601_06 Datasheet
556Kb / 18P
GPS Front-end IC
logo
Princeton Technology Co...
PT9120 PTC-PT9120_10 Datasheet
626Kb / 12P
GPS Receiver RF Front End IC
logo
Infineon Technologies A...
BGM781N11 INFINEON-BGM781N11 Datasheet
570Kb / 12P
GPS Front-End Module
Rev.3.1, Oct. 2009
BGM781N11 INFINEON-BGM781N11_10 Datasheet
372Kb / 12P
GPS Front-End Module
Rev.3.2, Oct. 2010
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com