Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VRPB-06F1AX Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # VRPB-06F1AX
Description  NON-ISOLATED DC/DC CONVERTERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRPB-06F1AX Datasheet(HTML) 4 Page - Bel Fuse Inc.

  VRPB-06F1AX Datasheet HTML 1Page - Bel Fuse Inc. VRPB-06F1AX Datasheet HTML 2Page - Bel Fuse Inc. VRPB-06F1AX Datasheet HTML 3Page - Bel Fuse Inc. VRPB-06F1AX Datasheet HTML 4Page - Bel Fuse Inc. VRPB-06F1AX Datasheet HTML 5Page - Bel Fuse Inc. VRPB-06F1AX Datasheet HTML 6Page - Bel Fuse Inc. VRPB-06F1AX Datasheet HTML 7Page - Bel Fuse Inc. VRPB-06F1AX Datasheet HTML 8Page - Bel Fuse Inc. VRPB-06F1AX Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
3.0 Vdc - 5.5 Vdc Input
0.75 Vdc - 3.63 Vdc/6 A Output
Efficiency Data
3.3V Module
60.0%
65.0%
70.0%
75.0%
80.0%
85.0%
90.0%
95.0%
100.0%
0.6A
1.5A
3.0A
4.5A
6.0A
Output Current
4.5V
5V
5.5V
2.5V Module
60.0%
65.0%
70.0%
75.0%
80.0%
85.0%
90.0%
95.0%
0.6A
1.5A
3.0A
4.5A
6.0A
Output Current
4.5V
5V
5.5V
1.8V Module
60.0%
65.0%
70.0%
75.0%
80.0%
85.0%
90.0%
95.0%
0.6A
1.5A
3.0A
4.5A
6.0A
Output Current
3V
5V
5.5V
1.5V Module
60.0%
65.0%
70.0%
75.0%
80.0%
85.0%
90.0%
95.0%
100.0%
0.6A
1.5A
3.0A
4.5A
6.0A
Output Current
3V
5V
5.5V
1.2V Module
60.0%
65.0%
70.0%
75.0%
80.0%
85.0%
90.0%
95.0%
100.0%
0.6A
1.5A
3.0A
4.5A
6.0A
Output Current
3V
5V
5.5V
0.7525V Module
60.0%
65.0%
70.0%
75.0%
80.0%
85.0%
90.0%
95.0%
100.0%
0.6A
1.5A
3.0A
4.5A
6.0A
Output Current
3V
5V
5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com